Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 14Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 15Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 16Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 17Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 18Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 19Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 20Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 21Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
15
IOH−VOH, VDD=5V
-16
-12
-8
-4
0
(mA)
IOH
0.5
1.0
1.5
VDD-VOH
(V)
-20
IOH−VOH, VDD=3V
-6
-4
-2
0
(mA)
IOH
0.5
1.0
1.5
-8
2.0
VDD-VOH
(V)
Typical RC Oscillator
4.5
3.0
1.5
0
(MHz)
FOSC
2.5
3
4
5
6
VDD
(V)
Frequency VS. VDD
7.5
6.0
3.5
4.5
5.5
Ta=25
°C
R=3.3K
R=5K
R=10K
R=100K
Typical RC Oscillator
3.0
2.5
2.0
0
(MHz)
FOSC
2.5
3
4
5
6
VDD
(V)
Frequency VS. VDD
4.5
3.5
3.5
4.5
5.5
R=3.3K
R=10K
0.5
1.0
1.5
R=5K
Typical RC Oscillator
1.50
1.25
1.00
0
(MHz)
FOSC
2.5
3
4
5
6
VDD
(V)
Frequency VS. VDD
2.00
1.75
3.5
4.5
5.5
R=3.3K
R=10K
0.25
0.50
0.75
R=5K
Cext=0pF
Ta=25
°C
Cext=20pF
Ta=25
°C
Cext=100pF
4.0
R=100K
R=100K
Typical RC Oscillator
0.6
0.5
0.4
0
(MHz)
FOSC
2.5
3
4
5
6
VDD
(V)
Frequency VS. VDD
0.8
0.7
3.5
4.5
5.5
R=3.3K
R=10K
0.1
0.2
0.3
R=5K
Ta=25
°C
Cext=300pF
R=100K
Ta=25
°C
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com