Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 31Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 32Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 33Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 34Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 35Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 36Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 37Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 38Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
GMS77C1000/GMS77C1001
32
July. 2001 Ver. 1.1
14. RESET
GMS77C100X devices may be reset in one of the follow-
ing ways:
- Power-On Reset (POR)
- Power-Fail detect reset (PFDR)
- RESET (normal operation)
- RESET wake-up reset (from SLEEP)
- WDT reset (normal operation)
- WDT wake-up reset (from SLEEP)
Each one of these reset conditions causes the program
counter to branch to reset vector address. (GMS77C1000
is 1FFH and GMS77C1001 is 3FFH ).
Table 14-1 shows these reset conditions for the PCL and
STATUS registers.
Some registers are not affected in any reset condition.
Their status is unknown on POR and unchanged in any
other reset. Most other registers are reset to a “reset state”
on Power-On Reset (POR), PFDR, RESET or WDT reset.
A RESET or WDT wake-up from SLEEP also results in a
device reset, and not a continuation of operation before
SLEEP.
The TO and PD bits (STATUS <4:3>) are set or cleared
depending on the different reset conditions. These bits may
be used to determine the nature of the reset.
Table 14-2 lists a full description of reset states of all reg-
isters. Figure 14-1 shows a simplified block diagram of the
on-chip reset circuit.
Condition
PCL
Addr: 02H
STATUS
Addr: 03H
Power-On Reset
1111 1111
0001 1xxx
RESET reset or PFD
reset (normal operation)
1111 1111
000u uuuu1
1. TO and PD bits retain their last value until one of the other
reset conditions occur.
RESET wake-up or PFD
reset (from SLEEP)
1111 1111
0001 0uuu
WDT reset (normal
operation)
1111 1111
0000 uuuu2
2. The CLRWDT instruction will set the TO and PD bits.
Legend : x = unknown, u = unchanged.
WDT wake-up (from
SLEEP)
1111 1111
0000 0uuu
TABLE 14-1 RESET CONDITIONS FOR SPECIAL
REGISTERS
Register
Address
Power-On
Reset
Wake-up
Reset
RESET, PFDR,
WDT Reset
WN/A
xxxx xxxx
uuuu uuuu
uuuu uuuu
TRIS
N/A
1111 1111
1111 1111
1111 1111
OPTION
N/A
0011 1111
0011 1111
0011 1111
INDF
00H
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR0
01H
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL1
02H
1111 1111
1111 1111
1111 1111
STATUS1
03H
0001 1xxx
100q quuu
000q quuu
FSR
04H
1xxx xxxx
1uuu uuuu
1uuu uuuu
PORTA
05H
---- xxxx
---- uuuu
---- uuuu
PORTB
06H
xxxx xxxx
uuuu uuuu
uuuu uuuu
General Purpose Register Files
07-1FH
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 14-2 RESET CONDITIONS FOR ALL REGISTERS
1. See Table 14-1 for reset value for specific conditions.
Legend : - = unimplemented, read as ‘0’, x = unknown, u = unchanged.
q = see the tables in Section 17 for possible values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com