Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 18Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 19Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 20Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 21Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 22Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 23Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 24Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 25Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
19
9.3 Special Function Registers
This devices has seven special function register that are the
INDF register, the Program Counter(PC), the STATUS
register, File Select Register(FSR), 8-bit Timer(TMR0),
and I/O data register(RA, RB).
The Special Function Registers are registers used by the
CPU and peripheral functions to control the operation of
the device (Table 9-1).
TMR0, RA and RB are not in the G700 CPU. They are lo-
cated in each peripheral function blocks. All special func-
tion register are placed on data memory map. The INDF
register is not a physical register and this register is used
for indirect addressing mode...
Legend : Shaded boxes = unimplemented or unused, - = unimplemented, read as ‘0’
x = unknown, u = unchanged, q = see the tables in Section 17 for possible values.
9.3.1 INDF Register
The INDF register is not physically implemented register,
used for indirect addressing mode. If the INDF register
are accessed, CPU goes to indirect addressing mode. Then
CPU accesses the Data memory which address is the con-
tents of FSR.
If the INDF register are accessed in indirect addressing
mode(I.e., FSR=00H), 00H will be loaded into data bus.
This time, note the arithmetic status bits of STATUS reg-
ister may be affected.
The FSR<4:0> bits are used to select data memory ad-
dresses 00H to 1FH.
GMS77C1000 and GMS77C1001 do not use banking.
FSR<7:5> are unimplemented and read as '1's.
Name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Power-On
Reset
RESET and
WDT Reset
TRIS
N/A
I/O control registers (TRISA, TRISB)
1111 1111
1111 1111
OPTION
N/A
Contains control bits to configure Timer0, Timer0/WDT
prescaler and PFD
0011 1111
0011 1111
INDF
00H
Uses contents of FSR to address data memory (not a
physical register)
xxxx xxxx
uuuu uuuu
TMR0
01H
8-bit real-time clock/counter
xxxx xxxx
uuuu uuuu
PCL
02H
Low order 8bits of PC
1111 1111
1111 1111
STATUS
03H
-
-
PA0
TO
PD
ZDC
C
0001 1xxx
000q quuu
FSR
04H
Indirect data memory address pointer
1xxx xxxx
1uuu uuuu
RA
05H
-
-
-
-
RA3
RA2
RA1
RA0
---- xxxx
---- uuuu
RB
06H
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
TABLE 9-1 SPECIAL FUNCTION REGISTER SUMMARY
FIGURE 9-4 DIRECT/INDIRECT ADDRESSING
40
40
(opcode)
(FSR)
location
select
location
select
Data
Memory
00H
0FH
10H
1FH
Direct Addressing
Indirect Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com