Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 23Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 24Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 25Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 26Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 27Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 28Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 29Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 30Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
GMS77C1000/GMS77C1001
24
July. 2001 Ver. 1.1
Otherwise, the previous state of that pin may be read into
the CPU rather than the new state.
When in doubt, it is better to separate these instructions
with a NOP or another instruction not accessing this I/O
port.
FIGURE 10-4 EQUIVALENT CIRCUIT FOR A SINGLE I/O PIN
Name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Power-On
Reset
RESET and
WDT Reset
TRIS
N/A
I/O control registers (TRISA, TRISB)
1111 1111
1111 1111
RA
05H
-
-
-
-
RA3
RA2
RA1
RA0
---- xxxx
---- uuuu
RB
06H
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
TABLE 10-1 SUMMARY OF PORT REGISTERS
Legend: Shaded boxes = unimplemented or unused, - = unimplemented, read as ‘0’, x = unknown, u = unchanged.
Data Bus
Data Bus
Data Bus
Data Reg.
Direction Reg.
Read
VDD
VSS
FIGURE 10-5 SUCCESSIVE I/O OPERATION
output RB
PC
RB7:RB0
Instruction
This example shows a write
fetched
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
PC+1
PC+2
PC+3
read RB port
no operation
no operation
Port pin
written here
Port pin
read here
to RB followed by a read
from RB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com