Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1283 Datasheet(PDF) 71 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 71 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 67Page - Intel Corporation SCD1283 Datasheet HTML 68Page - Intel Corporation SCD1283 Datasheet HTML 69Page - Intel Corporation SCD1283 Datasheet HTML 70Page - Intel Corporation SCD1283 Datasheet HTML 71Page - Intel Corporation SCD1283 Datasheet HTML 72Page - Intel Corporation SCD1283 Datasheet HTML 73Page - Intel Corporation SCD1283 Datasheet HTML 74Page - Intel Corporation SCD1283 Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
71
7.4.8
Parallel Channel Interrupt Enable Register
7.4.9
Parallel Channel Interrupt Status Register
The PCIER and PCISR provide control and status of interrupts generated by the parallel channel
control state machine. They have the same bit definitions. Each bit in the PCIER enables the
interrupt of the same type in the PCISR. A write of any value to the PCISR in response to an
interrupt request, causes it to clear and the interrupt request to be removed.
7.4.10
Parallel Configuration Register
Register Name: PCIER
Register Description: Parallel Channel Interrupt Enable
Access: R/W
8-Bit Hex Address: 22
Default Value: 00
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
0
TimEn
NegCh
SigCh
EPPAW
DirCh
IDReq
nINIT
Register Name: PCISR
Register Description: Parallel Channel Interrupt Status
Access: R/W
8-Bit Hex Address: 23
Default Value: 00
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
0
TimOvr
NegCh
SigCh
EPPAW
DirCh
IDReq
nINIT
Bit
Description
7
Reserved: This read-only bit is always ‘0’.
6
TimEn/TimOvr: Used for factory test purposes only.
5
NegCh: The state of this bit indicates that a change occurred in the negotiation status of the port. The NSR
indicates the new status of the parallel port.
4
SigCh: This bit instructs the parallel port to generate an interrupt when any of the signals specified by the
ZDR or ODR change state as programmed.
3
EPPAW: The state of this bit indicates that the remote master has written an EPP address to the CD1283.
The new EPP address value is placed in the EAR.
2
DirCh: This bit indicates that the host-side parallel port changed the direction of the interface. Generally, this
is in response to a request made by the CD1283 through the RevRq bit in the SCR (bit 0). DirCh indicates that
the direction was reversed through the defined protocol and the CD1283 can now send data to the master.
This bit is only valid in ECP and EPP (bidirectional) modes.
1
IDReq: The state of this bit indicates that the host has requested that the CD1283 send its ID data string. The
peripheral host should send the appropriate ID string (this is application-dependent).
0
nINIT: This interrupt is generated when an nINIT pulse is received in Compatibility mode. The interrupt occurs
on the leading edge of the nINIT pulse.
Register Name: PCR
Register Description: Parallel Configuration
Access: R/W
8-Bit Hex Address: 20
Default Value: 00
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
ManMd
E1284
ETxfr
Ig_SEL
HTmrTst[1]
HTmrTst[0]
MMDir
ManOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com