Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1283 Datasheet(PDF) 43 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 43 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 39Page - Intel Corporation SCD1283 Datasheet HTML 40Page - Intel Corporation SCD1283 Datasheet HTML 41Page - Intel Corporation SCD1283 Datasheet HTML 42Page - Intel Corporation SCD1283 Datasheet HTML 43Page - Intel Corporation SCD1283 Datasheet HTML 44Page - Intel Corporation SCD1283 Datasheet HTML 45Page - Intel Corporation SCD1283 Datasheet HTML 46Page - Intel Corporation SCD1283 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
43
Figure 10. Cable Connection
+5 V
1.2 k
Ω
20
Ω
20
Ω
CD1283
BIDIRECTIONAL
SIGNAL LINE
OUTPUT
SIGNAL LINE
INPUT
SIGNAL LINE
TRANSIENT
PROTECTION
1.2 k
Ω
Caution:
Transient protection is not implemented inside the CD1283 device, therefore transient
voltages may cause damage. Laboratory testing has shown that this type of protection is
not necessary under normal conditions. However, damage may occur under harsh
conditions or when subjected to unusual abuse. Also note, the protection circuit shown
here may cause a powered-up host to supply power to the +5 V (Vcc) of the peripheral if
it is not powered up. If this is a concern, then another protection circuit must be
designed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com