Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1283 Datasheet(PDF) 39 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 39 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 35Page - Intel Corporation SCD1283 Datasheet HTML 36Page - Intel Corporation SCD1283 Datasheet HTML 37Page - Intel Corporation SCD1283 Datasheet HTML 38Page - Intel Corporation SCD1283 Datasheet HTML 39Page - Intel Corporation SCD1283 Datasheet HTML 40Page - Intel Corporation SCD1283 Datasheet HTML 41Page - Intel Corporation SCD1283 Datasheet HTML 42Page - Intel Corporation SCD1283 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
39
5.5.8
Parallel Port Interface to the FIFO
The DMAdir bit indicates the current direction (0
= in; 1 = out) of transfers between the FIFO and
the DMA logic. Due to a recent negotiation, this can differ from the current parallel-port interface
direction. The CPU must change the direction after it receives an interrupt showing a direction
change.
The FIFOlock bit (PACR[4]) stops the DMA pipeline. This can be useful in diagnostics. FIFOlock
is also used in ECP and EPP modes to stop data transfers in the forward direction.
5.5.9
IEEE 1284-Protocol Negotiations
All IEEE 1284 protocol negotiations are initiated by the master side. The role of the CD1283 is to
accept or reject the attempted negotiation. The NER contains bits to individually enable specific
IEEE 1284 modes.
The various IEEE 1284 modes require negotiations on the parallel interface before they can be
entered. Until a successful negotiation sequence is complete, the interface remains in Compatibility
mode. These negotiations occur in two stages; both stages occur automatically after the device is
commanded to begin the negotiation procedure to a particular mode. The first stage determines if
the slave is IEEE 1284-compatible. Once determined, the interface continues the process to
determine if the mode requested is supported. The result of the requested negotiation appears in the
NSR.
For negotiations to occur, the slave must enable the E1284 bit (PCR[6]). Data transfers require that
the ETxfr bit (PCR[5]) be set; negotiations can occur without data transfer enabled.
Negotiation Status Register
After any IEEE-1284 negotiation or termination, the current protocol status can be read in the NSR.
NegOK and NegFl (bits 7:6) indicate successful and failed attempts. Invalid (bit 4) indicates that
the mode terminated from an invalid state. Termination from valid states are reported as successful
with NegOK.
A 4-bit code is displayed in the lower portion of the NSR to indicate the results of successful
negotiation. The 4-bit code in NSR also indicates the mode that the interface was in when an
invalid termination was detected, as well as a failed negotiation. Interrupts indicating a successful
negotiation into a reverse mode should prompt the CPU to load reverse data into the FIFO.
Special Command Register
The bits in the SCR cause actions on the parallel port. SetPs and ClrPs (bits 3:2) control data
movement into the CD1283 from the remote master. In Compatibility mode, this function posts
error status to the remote. Errors can only be presented to the master by the slave during the active
BUSY period. SetPs causes the CD1283 to stop transfers by asynchronously asserting the BUSY
signal. To protect against the possibility of data loss, one more byte can be strobed into the
CD1283 after BUSY goes active due to the setting of SetPs. When the error status is delivered,
ClrPs restores the parallel interface to the normal running state.
EPIrq sends an interrupt pulse in EPP mode. The RevRq bit indicates that data is available for
reverse transfer in either Compatibility or ECP mode. These operations are further described in the
relevant protocol sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com