| Electronic Components Datasheet Search |
|
SCD1283 Datasheet(PDF) 29 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
SCD1283 Datasheet(HTML) 29 Page - Intel Corporation |
|
29 / 94 page ![]() IEEE 1284-Compatible Parallel Interface — CD1283 Datasheet 29 Figure 5. Interrupt Generation Logic (Continued) A1284 signal transition from low-to-high, and A1284(ODR[3]) = 1 nInit signal transition from low-to-high, and nInit(ODR[2]) = 1 HstBsy signal transition from low-to-high, and HstBsy(ODR[1]) = 1 HstClk signal transition from low-to-high, and HstClk(ODR[0]) = 1 ManMd (PCR[7]) SigCh (PCIER[4]) SigCh (PCISR[4]) NOTE: Interface must be in Compatibility mode when ManMd (PCR[7]) is set or ManMd has no affect HstClk signal transition from high-to-low, and HstClk(ZDR[0]) = 1 HstBsy signal transi- tion from high-to-low, and HstBsy(ZDR[1]) = 1 A1284 signal transi- tion from high-to-low, and A1284(ZDR[3]) = 1 nInit signal transition from high to low, and nInit(ZDR[2]) = 1 Host has reversed the direction of the interface from ECP-forward to ECP-reverse by driving nReverseRequest (nInit) signal low. Host has changed the direction of the interface from ECP-reverse to ECP- forward by driving nReverseRequest (nInit) signal high. DirCh (PCISR[2]) EPPAW (PCISR[3]) nInit (PCISR[0]) EPPAW (PCIER[3]) EPP address received on parallel port nInit (PCIER[0]) In Compatibility mode, the host has requested the peripheral to re-initialize itself (nInit went low). INTEN (PFCR[4]) PPort (PIR[6]) (PCISR[5]) NegCh (PCISR[4]) SigCh (PCISR[3]) EPPAW (PCISR[2]) DirCh (PCISR[1]) IDReq (PCISR[0]) nInit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |