| Electronic Components Datasheet Search |
|
SCD1283 Datasheet(PDF) 22 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
SCD1283 Datasheet(HTML) 22 Page - Intel Corporation |
|
22 / 94 page ![]() CD1283 — IEEE 1284-Compatible Parallel Interface 22 Datasheet 5.0 Functional Description 5.1 Device Architecture The CD1283 consists of dedicated logic tailored to the function of sending and receiving parallel data. The device implements an IEEE 1284-compliant parallel port with a specialized data pipeline designed for high-speed transfers. To maintain binary compatibility with the CD1284, much of the architectural layout has been duplicated. Therefore, access to the register set of the parallel channel is only possible after loading the AER with the CD1284 occupied parallel port address — namely channel 0. For all channel- specific accesses, the CPU first loads the AER with a pointer to channel 0. Thereafter, all read and write operations occur through the parallel channel. The parallel channel is comprised of a FIFO and DMA data interface, as well as a high-speed state machine to manage all modes defined in the IEEE Std 1284-1994 specification, Standard Signaling Method for a Bidirectional Parallel Peripheral Interface for Personal Computers. The parallel port performs the slave or peripheral function of the IEEE Std 1284 interface, and can accept negotiations into any or all of the IEEE defined modes. 5.2 CPU Interface The CPU interface is comprised of a 7-bit address bus, 8-bit bidirectional data bus, 16-bit DMA port, and control inputs to identify the type of I/O cycle occurring. The signaling and basic timing match that of the Motorola 68000 family. With the addition of minimal glue logic, the interface will work with nearly any CPU. A special input is provided to swap the bytes on the data bus to reduce the necessary logic needed with Intel-style CPUs. The interface is completely compatible with the CD1284. Therefore, a CD1283 can be inserted into a system in instead of a CD1284 and the parallel port operates without any modifications to the CPU interface, parallel port hardware or software. In most cases, when the CPU reads or writes an internal CD1283 location, it accesses a location in a RAM array to serve as a bank of registers. However, some locations are mapped to actual hardware resources. For example, when a hard output signal is required (such as a service-request output in the SVRR) or a read of the actual state of an input is necessary (such as a parallel port handshake signal in the IVR). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |