Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1283 Datasheet(PDF) 72 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 72 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 68Page - Intel Corporation SCD1283 Datasheet HTML 69Page - Intel Corporation SCD1283 Datasheet HTML 70Page - Intel Corporation SCD1283 Datasheet HTML 71Page - Intel Corporation SCD1283 Datasheet HTML 72Page - Intel Corporation SCD1283 Datasheet HTML 73Page - Intel Corporation SCD1283 Datasheet HTML 74Page - Intel Corporation SCD1283 Datasheet HTML 75Page - Intel Corporation SCD1283 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
72
Datasheet
This register controls the overall configuration of the parallel port, each of which is described in
IEEE 1284 format below.
7.4.11
Special Command Register
Bit
Description
7:5
Mode Control: These three bits control the type of transfer desired and whether or not it is enabled to do so.
The ManMd bit selects Manual mode, which allows the user direct control over all parallel data and parallel
port control signals. MMDir controls the direction of the MDR (Manual Data register) and ManOE is the output
enable when MMDir
= 1 (output mode).
E1284 allows the parallel port to engage in IEEE 1284 negotiations. ETxfr enables data transfers. ETxfr
enable is only used for data transfers. EPP address read and write functions do not require that the ETxfr bit
be set
.
4
Ig_SEL: This bit prevents the CD1284 from considering the state of the nSLCTIN input when deciding
whether or not to accept Compatibility mode forward data transfers.
When Ig_SEL is reset, nSLCTIN must be active (low) to receive data on the parallel port in response to an
nStrobe input. If Ig_SEL is set, nSLCTIN is not considered and data is accepted regardless of its state. The
Ig_SEL bit should be set/reset together with the E1284 bit.
3:2
Host Timer Test Control: These two bits control the clock rate of the host timeout timer and are intended
primarily for manufacturing test purposes. As such, normal user-level programming should leave these bits
cleared (‘0’). When these bits are set to ‘1’, the timer is completely disabled, this is useful for factory debug
purposes.
1:0
Manual Mode Control: These two bits provide direction and output enable manual control over the parallel
port.
ManMd
E1284
Etxfr
Mode
0
0
0
Compatibility mode; transfers disabled.
0
0
1
Compatibility mode; transfers enabled.
0
1
0
IEEE 1284 negotiation; transfers disabled.
0
1
1
IEEE 1284 negotiation; transfers enabled.
1
X
X
Manual mode.
MMDir
ManOE
Mode
0
0
Reverse direction.
0
1
Reverse direction.
1
0
Forward direction disabled.
1
1
Forward direction enabled.
Register Name: SCR
Register Description: Special Command
Access: R/W
8-Bit Hex Address: 2A
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
0
0
0
TestMux
ClrPs
SetPs
EPIrq
RevRq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com