| Electronic Components Datasheet Search |
|
SCD1283 Datasheet(PDF) 83 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
SCD1283 Datasheet(HTML) 83 Page - Intel Corporation |
|
83 / 94 page ![]() IEEE 1284-Compatible Parallel Interface — CD1283 Datasheet 83 Figure 22. Asynchronous DMA Read Cycle Timing Figure 23. Asynchronous DMA Read Cycle Timing (Two Back-to-Back DMA Reads) t20 t23 t24 t19 DB[15:0] DMAACK* CLK ‘a’ ‘b’ NOTES: 1. The DMA handshake operates in asynchronous mode only if the AsyncDMA bit is set in PACR. 2. If DMAACK* is released after point ‘a,’ but before point ‘b’ (two rising CLK edges after the falling edge of DMAACK*), DB[15:0] is released at t20 following the rising edge of CLK. If DMAACK* is held past this edge, it controls the release of DB[15:0]; the data bus remains active until DMAACK* becomes inactive (point ‘c’). 3. This Figure 22 is still valid, however, Figure 23 illustrates a more robust timing. ‘c’ MAY CHANGE VALID DMAREQ* DB[15:0] DMAACK* CLK NOTE: The falling edge of DMAACK* is synchronized internally with the rising edge of the clock when asynchronous timing is selected by PACR[1]. The data valid time can vary by as much as one full CLK cycle depending on when DMAACK* falling edge occurs in relation to the CLK rising edge. The minimum DMAACK* active time must be met to ensure that the data has become valid before the rising edge of DMAACK*. The DMAACK* can be extended to any length, which extends the data valid hold time accordingly. If t25 is not met and DMAACK* is deasserted in less than t25 (MIN), then the data bus tristates t27 after the third rising clock edge following the assertion of DMAACK*. t27 t29 VALID DMAREQ* SEE NOTE SEE NOTE t28 t25 VALID t26 DMAACK* SYNCHRONIZED HERE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |