Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1283 Datasheet(PDF) 56 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 56 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 52Page - Intel Corporation SCD1283 Datasheet HTML 53Page - Intel Corporation SCD1283 Datasheet HTML 54Page - Intel Corporation SCD1283 Datasheet HTML 55Page - Intel Corporation SCD1283 Datasheet HTML 56Page - Intel Corporation SCD1283 Datasheet HTML 57Page - Intel Corporation SCD1283 Datasheet HTML 58Page - Intel Corporation SCD1283 Datasheet HTML 59Page - Intel Corporation SCD1283 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
56
Datasheet
7.2
Virtual Registers
The CD1283 has two operational contexts: a normal context that allows host access to most
registers and any channel, and a service-acknowledge context, allowing host access to some
registers specific to the channel requesting service. This special set of registers is called ‘virtual’
because they are only available to host access and are valid during this service-acknowledge
context; at all other times, their contents will be undefined and must not be written to by host
software.
The use of Virtual registers and context switching allows the CD1283 to maintain all channel-
specific information. The host need not make any changes to chip registers to access the registers
pertinent to the parallel channel.
The service-acknowledge context is entered in one of two ways: either through activation of the
SVCACKP* input pin (hardware activated), or through host software when the contents of any one
of PIR is copied into the AER by host software during a Poll-mode Acknowledge cycle (software-
activated). See Chapter 5.0 for a discussion of the differences between these two modes.
7.2.1
End-of-Service Request Register
The EOSRR is a ‘dummy’ location and is used to signal the end of a hardware-activated service-
acknowledge procedure, invoked by the activation of SVCACKP*. The data pattern written is a
‘don’t care’ value. Writing this location causes the CD1283 to perform its internal switch out of the
service-acknowledge context. This register is used only during a hardware-activated service
acknowledge and must not be written during Poll-mode operation.
7.2.2
Parallel Interrupt Vector Register
The value in this register is placed on the data bus, DB[7:0], when SVCACKP* is activated in
response to an active SVCREQP*. See Section 7.3.5 on page 60 for more details on the LIVR.
Register Name: EOSRR
Register Description: End-of-Service Request
Access: Write only
8-Bit Hex Address: 60
Default Value: XX
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
X
XXXXX
XX
Register Name: PIVR
Register Description: Parallel Interrupt Vector
Access: Read only
8-Bit Hex Address: 40
Default Value: 00
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
User-Defined – Upper 5 Bits of LIVR
IT2
IT1
IT0
Table 10. PIVR[2:0] Encoding
IT2
IT1
IT0
Description
0
0
0
No active interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com