Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC128M8GP-DHT Datasheet(PDF) 68 Page - Nanya Technology Corporation.

Part # NT5CC128M8GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M8GP-DHT Datasheet(HTML) 68 Page - Nanya Technology Corporation.

Back Button NT5CC128M8GP-DHT Datasheet HTML 64Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 65Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 66Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 67Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 68Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 69Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 70Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 71Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 72Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 160 page
background image
Version 2.2
68
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Refresh Command to Power-Down Entry
T0
T1
T2
T3
Ta0
Ta1
CK
CK
REF
NOP
NOP
Valid
CMD
CKE
Do not
care
Time
Break
NOP
tIS
tCPDED
Valid
tPD
Valid
Valid
tREFPDEN
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com