Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC128M8GP-DHT Datasheet(PDF) 12 Page - Nanya Technology Corporation.

Part # NT5CC128M8GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M8GP-DHT Datasheet(HTML) 12 Page - Nanya Technology Corporation.

Back Button NT5CC128M8GP-DHT Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 9Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 10Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 11Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 12Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 13Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 14Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 15Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 16Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 160 page
background image
Version 2.2
12
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
after Reset,
CKE needs to be continuously registered “High” until the initialization sequence is finished, including expi-
ration of tDLLK and tZQinit.
4. The DDR3(L) DRAM will keep its on-die termination in high impedance state as long as
REETis asserted. Further,
the DRAM keeps its on-die termination in high impedance state after
REET de-assertion until CKE is registered HIGH.
The ODT input signal may be in undefined state until tIS before CKE is registered HIGH. When CKE is registered
HIGH, the ODT input signal may be statically held at either LOW or HIGH. If RTT_NOM is to be enabled in MR1, the
ODT input signal must be statically held LOW. In all cases, the ODT input signal remains static until the power up
initialization sequence is finished, including the expiration of tDLLK and tZQinit.
5. After CKE being registered high, wait minimum of Reset CKE Exit time, tXPR, before issuing the first MRS command
to load mode register. [TXPR=max (tXS, 5tCK)]
6. Issue MRS command to load MR2 with
all application settings. (To issue MRS command for MR2, provide “Low” to
BA0 and BA2, “High” to BA1)
7.
Issue MRS command to load MR3 with all application settings. (To issue MRS command for MR3, provide “Low” to
BA2, “High” to BA0 and BA1)
8. Issue MRS C
ommand to load MR1 with all application settings and DLL enabled. (To issue “DLL Enable” command,
pro
vide “Low” to A0, “High” to BA0 and “Low” to BA1 and BA2)
9.
Issue MRS Command to load MR0 with all application settings and “DLL reset”. (To issue DLL reset command,
provide “High” to A8 and “Low” to BA0-BA2)
10. Issue ZQCL command to starting ZQ calibration.
11. Wait for both tDLLK and tZQinit completed.
12. The DDR3 (L) SDRAM is now ready for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com