Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC128M8GP-DHT Datasheet(PDF) 18 Page - Nanya Technology Corporation.

Part # NT5CC128M8GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M8GP-DHT Datasheet(HTML) 18 Page - Nanya Technology Corporation.

Back Button NT5CC128M8GP-DHT Datasheet HTML 14Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 15Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 16Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 17Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 18Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 19Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 20Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 21Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 22Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 160 page
background image
Version 2.2
18
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Burst Length, Type, and Order
Accesses within a given burst may be programmed to sequential or interleaved order. The burst type is selected via bit A3
as shown in the MR0 Definition as above figure. The ordering of access within a burst is determined by the burst length,
burst type, and the starting column address. The burst length is defined by bits A0-A1. Burst lengths options include fix BC4,
fixed BL8, and on the fly which allow BC4 or BL8 to be selected coincident with the registration of a Read or Write
command via A12/
.
Burst Type and Burst Order
Burst
Length
Read
Write
Starting
Column
Address
(A2,A1,A0)
Burst type:
Sequential
(decimal)
A3 = 0
Burst type:
Interleaved
(decimal)
A3 = 1
Note
4
Chop
Read
0,0,0
0,1,2,3,T,T,T,T
0,1,2,3,T,T,T,T
1,2,3
0,0,1
1,2,3,0,T,T,T,T
1,0,3,2,T,T,T,T
0,1,0
2,3,0,1,T,T,T,T
2,3,0,1,T,T,T,T
0,1,1
3,0,1,2,T,T,T,T
3,2,1,0,T,T,T,T
1,0,0
4,5,6,7,T,T,T,T
4,5,6,7,T,T,T,T
1,0,1
5,6,7,4,T,T,T,T
5,4,7,6,T,T,T,T
1,1,0
6,7,4,5,T,T,T,T
6,7,4,5,T,T,T,T
1,1,1
7,4,5,6,T,T,T,T
7,6,5,4,T,T,T,T
Write
0,V,V
0,1,2,3,X,X,X,X
0,1,2,3,X,X,X,X
1,2,4,5
1,V,V
4,5,6,7,X,X,X,X
4,5,6,7,X,X,X,X
8
Read
0,0,0
0,1,2,3,4,5,6,7
0,1,2,3,4,5,6,7
2
0,0,1
1,2,3,0,5,6,7,4
1,0,3,2,5,4,7,6
0,1,0
2,3,0,1,6,7,4,5
2,3,0,1,6,7,4,5
0,1,1
3,0,1,2,7,4,5,6
3,2,1,0,7,6,5,4
1,0,0
4,5,6,7,0,1,2,3
4,5,6,7,0,1,2,3
1,0,1
5,6,7,4,1,2,3,0
5,4,7,6,1,0,3,2
1,1,0
6,7,4,5,2,3,0,1
6,7,4,5,2,3,0,1
1,1,1
7,4,5,6,3,0,1,2
7,6,5,4,3,2,1,0
Write
V,V,V
0,1,2,3,4,5,6,7
0,1,2,3,4,5,6,7
2,4
Note:
1. In case of burst length being fixed to 4 by MR0 setting, the internal write operation starts two clock cycles earlier than the BL8
mode. This means that the starting point for tWR and tWTR will be pulled in by two clocks. In case of burst length being selected
on-the-fly via A12/
, the internal write operation starts at the same point in time like a burst of 8 write operation. This means that
during on-the-fly control, the starting point for tWR and tWTR will not be pulled in by two clocks.
2. 0~7 bit number is value of CA [2:0] that causes this bit to be the first read during a burst.
3. T: Output driver for data and strobes are in high impedance.
4. V: a valid logic level (0 or 1), but respective buffer input ignores level on input pins.
5. X: Do not Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com