Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC128M8GP-DHT Datasheet(PDF) 72 Page - Nanya Technology Corporation.

Part # NT5CC128M8GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M8GP-DHT Datasheet(HTML) 72 Page - Nanya Technology Corporation.

Back Button NT5CC128M8GP-DHT Datasheet HTML 68Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 69Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 70Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 71Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 72Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 73Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 74Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 75Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 76Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 160 page
background image
Version 2.2
72
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Timing Parameters
In synchronous ODT mode, the following timing parameters apply: ODTLon, ODTLoff, tAON min/max, tAOF min/max.
Minimum RTT turn-on time (tAON min) is the point in time when the device leaves high impedance and ODT resistance
begins to turn on. Maximum RTT turn-on time (tAON max) is the point in time when the ODT resistance is fully on. Both are
measured from ODTLon.
Minimum RTT turn-off time (tAOF min) is the point in time when the device starts to turn off the ODT resistance. Maximum
RTT turn off time (tAOF max) is the point in time when the on-die termination has reached high impedance. Both are
measured from ODTLoff.
When ODT is asserted, it must remain high until ODTH4 is satisfied. If a Write command is registered by the SDRAM with
ODT high, then ODT must remain high until ODTH4 (BL=4) or ODTH8 (BL=8) after the write command. ODTH4 and
ODTH8 are measured from ODT registered high to ODT registered low or from the registration of a write command until
ODT is registered low.
Synchronous ODT Timing Example for AL=3; CWL=5; ODTLon=AL+CWL-2=6;
ODTLoff=AL+CWL-2=6
Synchronous ODT example with BL=4, WL=7
ODT must be held high for at least ODTH4 after assertion (T1); ODT must be kept high ODTH4 (BL=4) or ODTH8 (BL=8)
after Write command (T7). ODTH is measured from ODT first registered high to ODT first registered low, or from
registration of Write command with ODT high to ODT registered low. Note that although ODTH4 is satisfied from ODT
registered at T6 ODT must not go low before T11 as ODTH4 must also be satisfied from the registration of the Write
command at T7.
CK
CK
AL=3
T11
T10
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
T12
ODT
ODTH4, min
ODTLon = CWL + AL -2
ODTLoff = CWL + AL -2
T13
T14
T15
CWL - 2
DRAM_RTT
tAONmin
tAONmax
tAONmin
tAONmax
RTT_NOM
AL=3
Transitioning
Do not care
CKE
CK
CK
ODTH4
T11
T10
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
T12
ODT
ODTLon = CWL -2
T13
T14
T15
ODTLoff = WL - 2
DRAM_RTT
tAONmin
tAONmax
tAOFmax
RTT_NOM
T16
T17
T18
ODTH4min
ODTH4
ODTLoff = CWL -2
ODTLon = CWL -2
tAOFmin
tAOFmax
tAONmax
tAONmin
tAOFmin
NOP
NOP
NOP
NOP
NOP
NOP
NOP
WRS4
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Transitioning
Do not care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com