Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC128M8GP-DHT Datasheet(PDF) 70 Page - Nanya Technology Corporation.

Part # NT5CC128M8GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M8GP-DHT Datasheet(HTML) 70 Page - Nanya Technology Corporation.

Back Button NT5CC128M8GP-DHT Datasheet HTML 66Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 67Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 68Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 69Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 70Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 71Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 72Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 73Page - Nanya Technology Corporation. NT5CC128M8GP-DHT Datasheet HTML 74Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 160 page
background image
Version 2.2
70
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
On-Die Termination (ODT)
ODT (On-Die Termination) is a feature of the DDR3(L) SDRAM that allows the DRAM to turn on/off termination resistance
for each DQ, DQS,
, and DM for x8 configuration (and TDQS, T for x8 configuration, when enabled via A11=1 in
MR1) via the ODT control pin. For x16 configuration, ODT is applied to each DQ, DQSU,
U, DQSL, L, DMU and
DMl signal via the ODT control pin. The ODT feature is designed to improve signal integrity of the memory channel by
allowing the DRAM controller to independently turn on/off termination resistance for any or all DRAM devices.
The ODT feature is turned off and not supported in Self-Refresh mode.
A simple functional representation of the DRAM ODT feature is shown as below.
Functional Representation of ODT
The switch is enabled by the internal ODT control logic, which uses the external ODT pin and other control information. The
value of RTT is determined by the settings of Mode Register bits. The ODT pin will be ignored if the Mode Register MR1
and MR2 are programmed to disable ODT and in self-refresh mode.
ODT Mode Register and ODT Truth Table
The ODT Mode is enabled if either of MR1 {A2, A6, A9} or MR2 {A9, A10} are non-zero. In this case, the value of RTT is
determined by the settings of those bits.
Application: Controller sends WR command together with ODT asserted.
One possible application: The rank that is being written to provides termination.
DRAM turns ON termination if it sees ODT asserted (except ODT is disabled by MR)
DRAM does not use any write or read command decode information.
Termination Truth Table
ODT pin
DRAM Termination State
0
OFF
1
ON, (OFF, if disabled by MR1 {A2, A6, A9} and MR2{A9, A10} in general)
To other
circuitry
like
RCV, ...
VDDQ/ 2
RTT
Switch
DQ , DQS, DM, TDQS
ODT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com