Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3471 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 26Page - Semtech Corporation GS3471 Datasheet HTML 27Page - Semtech Corporation GS3471 Datasheet HTML 28Page - Semtech Corporation GS3471 Datasheet HTML 29Page - Semtech Corporation GS3471 Datasheet HTML 30Page - Semtech Corporation GS3471 Datasheet HTML 31Page - Semtech Corporation GS3471 Datasheet HTML 32Page - Semtech Corporation GS3471 Datasheet HTML 33Page - Semtech Corporation GS3471 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
30 of 179
Semtech
www.semtech.com
4.4.4 DVB-ASI Mode
When in DVB-ASI mode (SMPTE_BYPASS = LOW and DVB_ASI = HIGH), the retimer PLL
locks to a DVB-ASI stream. In DVB-ASI mode, the parallel outputs are configured
appropriately as described in 4.11.3 Parallel Output in DVB-ASI Mode. None of the
SMPTE detection and processing functions are available in this mode.
4.5 Digital Differential Input (DDI/DDI)
The GS3471 can accept two serial digital inputs compliant with SMPTE ST 424, SMPTE
292, and SMPTE ST 259-C– however, only one of the input serial data streams can be
retimed. The GS3471 contains a 100Ω differential input buffer which can be DC-coupled
to Semtech equalizers, but only if equalizer output stage is connected to 1.2V.
Otherwise must be AC coupled.
See Figure 4-1for a visualization of the Flex Input Loopback.
INPUT_CONFIG[3:2] allows for selection of DDI or SDI into the parallel retimed output
and DDO path.
LOS_CTRL[8] register contains the LOS_AFE_SEL bit, which allows for selection of DDI
or SDI for LOS sensing.
4.6 Serial Digital Input (SDI/SDI)
The GS3471 can accept serial digital inputs compliant with SMPTE ST 424, SMPTE 292,
and SMPTE ST 259-C.
Please see the Typical Application Circuit for how to terminate this input.
4.6.1 Upstream Launch Swing Compensation
The GS3471 has automatic gain control that is based on the assumption that the cable
driver in the upstream device is SMPTE compliant and has a launch swing of
800mVppd ±10%.
When the source amplitude is known to be non-SMPTE compliant, a compensation
adjustment can be made. The GS3471 can adjust for nominal launch swings between
250mVppd to 1000mVppd, in approximately 50mVppd increments. Upstream launch
swing compensation can be adjusted using the LAUNCH_SWING_COMPENSATION
bits in EQ_CONF_REG_2 register. The default value is 800mVppd (1011b).
4.7 Serial Digital Loop-Through Output
The GS3471 contains a differential serial digital output buffer. This output provides an
active loop-through of the input signal. It can be a reclocked or non-reclocked version
of the input used for processing or a non-reclocked version of the other input. Moreover,
selection of the loop-through output is independent of the selection of the signal going
into the de-serializer block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com