Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3471 Datasheet(PDF) 35 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 31Page - Semtech Corporation GS3471 Datasheet HTML 32Page - Semtech Corporation GS3471 Datasheet HTML 33Page - Semtech Corporation GS3471 Datasheet HTML 34Page - Semtech Corporation GS3471 Datasheet HTML 35Page - Semtech Corporation GS3471 Datasheet HTML 36Page - Semtech Corporation GS3471 Datasheet HTML 37Page - Semtech Corporation GS3471 Datasheet HTML 38Page - Semtech Corporation GS3471 Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
35 of 179
Semtech
www.semtech.com
4.11.5.1 Delay Line
The GS3471 has the ability to shift the Setup/Hold window on the receive interface, by
using an on-chip delay line to shift the phase of PCLK with respect to the data bus. The
timing of the PCLK output, relative to the data, can be adjusted through the host
interface registers. Each data rate has its own 5-bit delay line offset setting as well as a
PCLK invert option.
The delay adjustment range is defined in Table 4-7. The PCLK output can be delayed by
up to 0.5UI using the rate dependent PCLK_DELAY_XX parameters and it can be
advanced by 0.5UI by using the PCLK_INVERT_XX parameters.
4.11.6 DDR Parallel Clock Timing
The GS3471 has the ability to transmit 10-bit parallel video data with a DDR (Dual Data
Rate) pixel clock over a single-ended interface.
The default DDR timing is configured such that a rising clock edge can be used by a
downstream device to clock in data from the C Stream (SD and HD) and Data Stream 2
(3G), and the falling clock edge can be used by a receiving device to clock in data from
the Y Stream (SD and HD) and Data Stream 1 (3G).
Figure 4-6: DDR Video Interface - 3G Level A
Table 4-7: Delay Adjustment Range
Data Rate
Delay Line Control Parameter
Delay Range (UI)
SD
PCLK_DELAY_SD[14:10]
0.1
HD
PCLK_DELAY_HD[9:5]
0.5
3G
PCLK_DELAY_3G[4:0]
0.5
Y2
Cb1
Cr1
Cb2
Cr2
Cb3
Cr3
Cb4
Cr4
Y3
Y4
Y5
Y6
Y7
Y8
Y9
20-bit bus
(transition rate = 74.25MHz)
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Cb0
Cb1
Cb2
Cb3
Cb4
Cr0
Cr1
Cr2
Cr3
Cr4
PCLK
(148.5MHz)
Y0
Cb0
Y1
Cr0
10-bit bus
(transition rate = 148.5MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com