Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3471 Datasheet(PDF) 58 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 58 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 54Page - Semtech Corporation GS3471 Datasheet HTML 55Page - Semtech Corporation GS3471 Datasheet HTML 56Page - Semtech Corporation GS3471 Datasheet HTML 57Page - Semtech Corporation GS3471 Datasheet HTML 58Page - Semtech Corporation GS3471 Datasheet HTML 59Page - Semtech Corporation GS3471 Datasheet HTML 60Page - Semtech Corporation GS3471 Datasheet HTML 61Page - Semtech Corporation GS3471 Datasheet HTML 62Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
58 of 179
Semtech
www.semtech.com
4.16.1 SMPTE ST 425 Mapping - 3G Level A and Level B Formats
4.16.1.1 Level A Mapping
Direct image format mapping - the mapping structure used to define
1080p/50/59.94/60 4:2:2 YCbCr 10 bit data, as supported by the GS3471. See
Figure 4-33.
Figure 4-33: Level A Mapping
4.16.1.2 Level B Mapping
The 2 x 292 HD SDI interface - this can be two distinct links running at 1.5Gb/s or one
3Gb/s link formatted according to SMPTE ST 292 on two 10-bit links (Y/C interleaved).
For 1080p/50/59.94/60 4:2:2 video formats, each link should be line-interleaved as per
SMPTE ST 372. See Figure 4-34:
Figure 4-34: Level B Mapping
The GS3471 distinguishes between Level A and Level B mappings at 3Gb/s. When Level
B data is detected, each 10-bit link is demultiplexed into its individual component
streams, and most video processing features, including error detection and correction
are enabled separately for Data Stream 1 and Data Stream 2 (Link A and Link B,
respectively).
Note: Audio demultiplexing and ancillary data extraction can only be enabled for one
link for 3Gb/s Level B data. Data Stream 1 or Data Stream 2 can be selected via the host
interface.
Data Stream 1
Data Stream 2
EAV
HANC
SAV
Active Video
Data Stream 1
(”Link A”)
Data Stream 2
(”Link B”)
EAV
HANC
SAV
Active Video
“double” TRS headers from
interleaved HD-SDI;
multiplexed Y/C data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com