Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3471 Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 8Page - Semtech Corporation GS3471 Datasheet HTML 9Page - Semtech Corporation GS3471 Datasheet HTML 10Page - Semtech Corporation GS3471 Datasheet HTML 11Page - Semtech Corporation GS3471 Datasheet HTML 12Page - Semtech Corporation GS3471 Datasheet HTML 13Page - Semtech Corporation GS3471 Datasheet HTML 14Page - Semtech Corporation GS3471 Datasheet HTML 15Page - Semtech Corporation GS3471 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
12 of 179
Semtech
www.semtech.com
2.3 DC Electrical Characteristics
Table 2-3: DC Electrical Characteristics
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
System
DDI_VDD,
Supply Current
IDDI
1.2V
0.01
0.02
0.03
mA
—
IO_VDD Supply
Current
IIO
1.8V
7.4
9.2
10.8
mA
—
2.5V
12.3
12.5
12.8
mA
—
DDO_VDD Supply
Current
IDDO
1.2V
7.4
9.1
10.7
mA
—
1.8V
7.4
9.1
10.7
mA
—
VCO_VDD Supply
Current
IVCO
1.2V
7.0
7.8
9.4
mA
—
PLL_VDD Supply
Current
IPLL
1.2V
50.3
63.0
74.5
mA
—
CORE_VDD Supply
Current
ICORE
1.2V
17.7
20.3
22.2
mA
—
EQ_VCCA Supply
Current
IVCCA
1.8V
—
37
56
mA
—
EQ_VCCD Supply
Current
IVCCD
1.8V
—
5
7.5
mA
—
Total Device Power
DDO_VDD = 1.2V
IO_VDD = 1.8V
(Audio Enabled)
P
10-bit 3GA
160
295
380
mW
—
10-bit 3GB
135
262
347
mW
—
20-bit 3GA
137
265
348
mW
—
20-bit 3GB
154
288
371
mW
—
10-bit HD
125
252
334
mW
—
20-bit HD
109
233
313
mW
—
10/20-bit SD
97
213
288
mW
—
DVB-ASI
—
139
—
mW
—
Sleep
14
14
23
mW
—
Standby with DDO Retimed
—
115
148
mW
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com