Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3471 Datasheet(PDF) 78 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 78 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 74Page - Semtech Corporation GS3471 Datasheet HTML 75Page - Semtech Corporation GS3471 Datasheet HTML 76Page - Semtech Corporation GS3471 Datasheet HTML 77Page - Semtech Corporation GS3471 Datasheet HTML 78Page - Semtech Corporation GS3471 Datasheet HTML 79Page - Semtech Corporation GS3471 Datasheet HTML 80Page - Semtech Corporation GS3471 Datasheet HTML 81Page - Semtech Corporation GS3471 Datasheet HTML 82Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
78 of 179
Semtech
www.semtech.com
4.21.2 Serial Audio Data Format Support
The GS3471 supports the following serial audio data formats:
•I2S (default)
•AES/EBU
•
Serial Audio Left Justified, MSB First
•
Serial Audio Right Justified, MSB First (supported for HD and 3G only)
By default (at power up or after system reset) I2S is selected. The other data formats are
selectable via the host interface using the AMA/AMB[1:0] bits of the CFG_AUD(HD/3G)
or CFG_OUTPUT(SD) register.
When I2S format is desired, both groups must be set to I2S (i.e. AMA = AMB = 11). This is
because they share the same WCLK.
Figure 4-42: I2S Audio Output Format
Figure 4-43: AES/EBU Audio Output Format
Figure 4-44: Serial Audio, Left Justified, MSB First
Table 4-17: Audio Output Formats
AMA/AMB[1:0]
Audio Output Format
00
AES/EBU audio output
01
Serial audio output: Left Justified; MSB first
10
Serial audio output: Right Justified; MSB first (supported for
HD and 3G only)
11
I2S (Default)
WCLK
ACLK
AOUT_[8_7:2_1]
MSB
0
3
21
2
3
4
5
6
22
LSB
MSB
0
3
2
1
2
3
4
5
6
22
LSB
Channel A (Left)
Channel B (Right)
WCLK
ACLK
AOUT_[8_7:2_1]
12
3
4
LSB
MSB
0
Channel A (Left)
Channel B (Right)
56
7
8
27
29
28
30
31
123
4
0
5
6
7
8
27
29
28
30
31
AUX
Preamble
P
C
V
U
LSB
MSB
AUX
Preamble
P
C
VU
WCLK
ACLK
AOUT_[8_7:2_1]
23
MSB
0
2
21
2
3
4
5
6
21
LSB
23
MSB
0
2
21
2
3
4
5
6
21
LSB
Channel A (Left)
Channel B (Right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com