Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3471 Datasheet(PDF) 55 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 51Page - Semtech Corporation GS3471 Datasheet HTML 52Page - Semtech Corporation GS3471 Datasheet HTML 53Page - Semtech Corporation GS3471 Datasheet HTML 54Page - Semtech Corporation GS3471 Datasheet HTML 55Page - Semtech Corporation GS3471 Datasheet HTML 56Page - Semtech Corporation GS3471 Datasheet HTML 57Page - Semtech Corporation GS3471 Datasheet HTML 58Page - Semtech Corporation GS3471 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
55 of 179
Semtech
www.semtech.com
425M (3G)
4:4:4
1920x1080/60 (2:1) or
1920x1080/30 (PsF)
548 (536)2
1125
38401
4400
2Ah
01
1920x1080/50 (2:1) or
1920x1080/25 (PsF)
1428 (1416)2
1125
38401
5280
2Ch
01
1920x1080/30 (1:1)
548 (536)2
1125
38401
4400
2Eh
01
1920x1080/25 (1:1)
1428 (1416)2
1125
38401
5280
2Fh
01
1920x1080/24 (1:1)
1648 (1636)2
1125
38401
5500
30h
01
1920x1080/24 (PsF)
1648 (1636)2
1125
38401
5500
31h
01
1280x720/60 (1:1)
728 (716)2
750
25601
3300
20h
01
1280x720/50 (1:1)
1388 (1376)2
750
25601
3960
24h
01
1280x720/30 (1:1)
—
750
25601
6600
27h
01
1280x720/25 (1:1)
5348 (5336)2
750
25601
7920
26h
01
1280x720/24 (1:1)
5678 (5666)2
750
25601
8250
28h
01
260M (HD)
1920x1035/60(2:1)
268
1125
1920
2200
15h
00
295M (HD)
1920x1080/50 (2:1)
444
1250
1920
2376
14h
00
274M (HD)
1920x1080/60 (2:1) or
1920x1080/30 (PsF)
268
1125
1920
2200
0Ah
00
1920x1080/50 (2:1) or
1920x1080/25 (PsF)
708
1125
1920
2640
0Ch
00
1920x1080/30 (1:1)
268
1125
1920
2200
0Bh
00
1920x1080/25 (1:1)
708
1125
1920
2640
0Dh
00
1920x1080/24 (1:1)
818
1125
1920
2750
10h
00
1920x1080/24 (PsF)
818
1125
1920
2750
11h
00
1920x1080/25 (1:1)
— EM
324
1125
2304
2640
0Eh
00
1920x1080/25 (PsF)
— EM
324
1125
2304
2640
0Fh
00
1920x1080/24 (1:1)
— EM
338
1125
2400
2750
12h
00
1920x1080/24 (PsF)
— EM
338
1125
2400
2750
13h
00
Table 4-11: Supported Video Standard Codes
SMPTE
Standard
Active Video Area
Length of
HANC Level A
(Level B)
Total
Lines per
Frame
Length of
Active
Word
Total
Clocks
per Line
VD
_STD
[5:0]
SD/HD
3G/HD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com