| Electronic Components Datasheet Search |
|
GS3471 Datasheet(PDF) 37 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS3471 Datasheet(HTML) 37 Page - Semtech Corporation |
|
37 / 179 page ![]() GS3471 Final Data Sheet Rev.4 PDS-060498 September 2017 37 of 179 Semtech www.semtech.com 4.12 Timing Signal Extraction The GS3471 extracts timing information from the input data stream and provides FVH timing reference signals. Video timing signals are only operational in SMPTE mode (SMPTE_BYPASS = HIGH). It takes one video frame to obtain full synchronization of the received video standard. Note: Both 8-bit and 10-bit TRS words are identified. Once synchronization is achieved, the device continues to monitor the received TRS timing information to maintain synchronization. 4.12.1 Automatic Switch Line Lock Handling The principle of switch line lock handling is that the switching of synchronous video sources will only disturb the horizontal timing and alignment, whereas the vertical timing remains in synchronization – i.e. switching between video sources of the same format. Switch line lock handling is only available in SMPTE mode. To account for the horizontal disturbance caused by a synchronous switch, the flywheel must be re-synchronized, immediately following a switch line, as defined in the SMPTE recommended practice document RP168-2002. The synchronous switch point is defined for all major video standards in SMPTE RP168-2002. The device automatically re-synchronizes the word alignment block and timing signal generator at the switch point, based on the detected video standard. The switch line is defined as follows: • For 525 line interlaced systems: resynchronization takes place at the end of lines 10 & 273 • For 525 line progressive systems: resynchronization takes place at the end of line 10 • For 625 line interlaced systems: resynchronization takes place at the end of lines 6 & 319 • For 625 line progressive systems: resynchronization takes place at the end of line 6 • For 750 line progressive systems: resynchronization takes place at the end of line 7 • For 1125 line interlaced systems: resynchronization takes place at the end of lines 7 & 569 • For 1125 line progressive systems: resynchronization takes place at the end of line 7 Note: Unless indicated by SMPTE ST 352 payload identifier packets, the GS3471 does not distinguish between 1125-line progressive segmented-frame (PsF) video and 1125-line interlaced video operating at 25 or 30fps. However, PsF video operating at 24fps is detected by the device. A full list of all major video standards and switching lines can be found in SMPTE RP168-2002. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |