Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3471 Datasheet(PDF) 79 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 79 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 75Page - Semtech Corporation GS3471 Datasheet HTML 76Page - Semtech Corporation GS3471 Datasheet HTML 77Page - Semtech Corporation GS3471 Datasheet HTML 78Page - Semtech Corporation GS3471 Datasheet HTML 79Page - Semtech Corporation GS3471 Datasheet HTML 80Page - Semtech Corporation GS3471 Datasheet HTML 81Page - Semtech Corporation GS3471 Datasheet HTML 82Page - Semtech Corporation GS3471 Datasheet HTML 83Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
79 of 179
Semtech
www.semtech.com
Figure 4-45: Serial Audio, Right Justified, MSB First
4.21.2.1 AES/EBU Mode
In AES/EBU output mode, the audio de-embedder uses a 128fs (6.144MHz audio bit
clock) clock as shown in Figure 4-46.
Figure 4-46: AES/EBU Audio Output to Bit Clock Timing
The timing of the serial audio output signals and the ACLK output signal is shown in
Figure 4-47: ACLK to Data Signal Output Timing.
Figure 4-47: ACLK to Data Signal Output Timing
4.21.2.2 Audio Data Packet Extraction Block
The audio de-embedder looks for audio data packets on every line of the incoming
video.
The audio data must be embedded according to SMPTE ST 272 (SD) or
SMPTE ST 299/299-1/299-2 (HD or 3G).
In 3G Level A signals, the audio data packets must be embedded only in Data Stream 2.
In 3G Level B signals, the audio data packets must be embedded in the Data Stream 2 of
either Link A or Link B and have a data rate of 74.25MHz.
WCLK
ACLK
AOUT_[8_7:2_1]
23
MSB
0
2
21
2
20
17
18
19
21
LSB
23
MSB
0
2
21
2
20
17
18
19
21
LSB
Channel A (Left)
Channel B (Right)
AMCLK
(128fs)
AOUT_1_2, AOUT_3_4
AOUT_5_6, AOUT_7_8
6.144MHz
AOUT
ACLK
A1
A0
A2
128fs = 162.76ns (AES/EBU)
64fs = 325.52ns (other modes)
20%
80%
tr
20%
80%
tf
A3
toh
tod
WCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com