Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3471 Datasheet(PDF) 9 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 5Page - Semtech Corporation GS3471 Datasheet HTML 6Page - Semtech Corporation GS3471 Datasheet HTML 7Page - Semtech Corporation GS3471 Datasheet HTML 8Page - Semtech Corporation GS3471 Datasheet HTML 9Page - Semtech Corporation GS3471 Datasheet HTML 10Page - Semtech Corporation GS3471 Datasheet HTML 11Page - Semtech Corporation GS3471 Datasheet HTML 12Page - Semtech Corporation GS3471 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
9 of 179
Semtech
www.semtech.com
C3
LF
Analog Input
Loop Filter component connection. Connect as per Typical
Application Circuit.
C4, D4
VCO_VDD
Power
Power pin for the VCO. Connect to RC filter as per Typical Application
Circuit. Connect to a 1.2V ±5% analog supply through a 24Ω ±1%
resistor. Additionally, connect to ground through a 10μF capacitor.
C7, D9, F4, F5, G4,
G5, G9, J7, H8
CORE_GND
Power
Ground pins for digital circuitry. Connect to digital ground.
D1, E2
EQ_VCCA
Power
Power supply connection for the SDI equalizer analog core.
Connect to 1.8V.
D3, E3, F2,
F3, G2, G3
A_GND
Power
Ground pins for analog circuitry. Connect to analog ground.
D6, D5, C6,
C5, B6, B5
STAT[5:0]
Digital Output
Multi-function status outputs. See Section 4.13 for more details on
assigning signals to STAT pins.
Please refer to the Output Logic parameters in Table 2-3: DC
Electrical Characteristics for logic level threshold and compatibility.
Each of the STAT[5:0] pins can be configured individually to output
one of the following signals.
See Table 4-8: Output Signals Available on Programmable
Multi-Function Pins for Status Signal Selection Codes and Default
Output Pins.
D7
TRST
Digital Input,
Internal
Pull-down
JTAG interface reset. Digital active-low reset input. Used to reset the
JTAG test sequence.
When LOW, the JTAG test sequence is reset.
When HIGH, normal operation of the JTAG test sequence resumes.
D8
TDI
Digital Input,
Internal Pull-up
JTAG interface Test Data Input. Serial instructions and data are
received on this pin.
E1, A3
CT[1:0]
Analog Input
Decoupling for internal SDI termination resistors. Connect as per
Typical Application Circuit. When an input is not used, its
corresponding CT pin can be left unconnected.
E4
EQ_VCCD
Power
Power supply connection for the SDI equalizer digital core.
Connect to 1.8V.
E5, E6, F6, G6
CORE_VDD
Power
Power connection for device core. Connect to 1.2V DC digital.
E7
TDO
Digital Output
JTAG interface Test Data Output. TDO is the serial output for test
instructions and data.
E8
TCK
Digital Input
JTAG interface Test Clock input. The test clock input provides the
clock for the test logic of this device.
F1, G1
SDI, SDI
Analog Input
Serial Digital Differential Input.
F7
TMS
Digital Input,
Internal Pull-up
JTAG interface Test Mode Select input. This signal is decoded by the
internal TAP controller to control test operations.
F8
SDIN
Digital Input
Serial Digital Data Input for the Gennum Serial Peripheral Interface
(GSPI) host control/status port. When GSPI is not used, SDIN should
be tied HIGH or LOW to minimize noise.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com