Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 2 Page - Texas Instruments

  TPS7A5201RPST Datasheet HTML 1Page - Texas Instruments TPS7A5201RPST Datasheet HTML 2Page - Texas Instruments TPS7A5201RPST Datasheet HTML 3Page - Texas Instruments TPS7A5201RPST Datasheet HTML 4Page - Texas Instruments TPS7A5201RPST Datasheet HTML 5Page - Texas Instruments TPS7A5201RPST Datasheet HTML 6Page - Texas Instruments TPS7A5201RPST Datasheet HTML 7Page - Texas Instruments TPS7A5201RPST Datasheet HTML 8Page - Texas Instruments TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
TPS7A52
SBVS295 – NOVEMBER 2019
www.ti.com
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 12
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Application .................................................. 21
9
Power Supply Recommendations ...................... 22
10
Layout................................................................... 22
10.1
Layout Guidelines ................................................. 22
10.2
Layout Example .................................................... 23
11
Device and Documentation Support ................. 24
11.1
Device Support...................................................... 24
11.2
Documentation Support ........................................ 24
11.3
Receiving Notification of Documentation Updates 24
11.4
Community Resources.......................................... 24
11.5
Trademarks ........................................................... 24
11.6
Electrostatic Discharge Caution ............................ 24
11.7
Glossary ................................................................ 24
12
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
DATE
REVISION
NOTES
November 2019
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com