Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A5201RPST Datasheet HTML 1Page - Texas Instruments TPS7A5201RPST Datasheet HTML 2Page - Texas Instruments TPS7A5201RPST Datasheet HTML 3Page - Texas Instruments TPS7A5201RPST Datasheet HTML 4Page - Texas Instruments TPS7A5201RPST Datasheet HTML 5Page - Texas Instruments TPS7A5201RPST Datasheet HTML 6Page - Texas Instruments TPS7A5201RPST Datasheet HTML 7Page - Texas Instruments TPS7A5201RPST Datasheet HTML 8Page - Texas Instruments TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
TPS7A52
SBVS295 – NOVEMBER 2019
www.ti.com
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum rating is VIN + 0.3 V or 7.0 V, whichever is smaller.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
IN, BIAS, PG, EN
–0.3
7.0
V
SNS, OUT
–0.3
VIN + 0.3
(2)
NR/SS, FB
–0.3
3.6
Current
OUT
Internally limited
A
PG (sink current into device)
5
mA
TJ
Operating junction temperature
–55
125
°C
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±500
(1)
This output voltage range does not include device accuracy or accuracy of the feedback resistors.
(2)
The upper limit for the R2 resistor is to ensure accuracy by making the current through the feedback network much larger than the
leakage current into the feedback node.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage range
1.1
6.5
V
VBIAS
Bias supply voltage range
3.0
6.5
V
VOUT
Output voltage range(1)
0.8
5.15
V
VEN
Enable voltage range
0
6.5
V
IOUT
Output current
0
4
A
CIN
Input capacitor
22
47
3000
µF
COUT
Output capacitor
22
47
3000
µF
RPG
Power-good pullup resistance
1
100
kΩ
CNR/SS
NR/SS capacitor
10
nF
CFF
Feed-forward capacitor
10
nF
R1
Top resistor value in feedback network for adjustable operation
12.1
kΩ
R2
Bottom resistor value in feedback network for adjustable operation
160(2)
kΩ
TJ
Operating junction temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com