Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS7A5201RPST Datasheet HTML 17Page - Texas Instruments TPS7A5201RPST Datasheet HTML 18Page - Texas Instruments TPS7A5201RPST Datasheet HTML 19Page - Texas Instruments TPS7A5201RPST Datasheet HTML 20Page - Texas Instruments TPS7A5201RPST Datasheet HTML 21Page - Texas Instruments TPS7A5201RPST Datasheet HTML 22Page - Texas Instruments TPS7A5201RPST Datasheet HTML 23Page - Texas Instruments TPS7A5201RPST Datasheet HTML 24Page - Texas Instruments TPS7A5201RPST Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TI-'HYLFHŒ
GND
BIAS
IN
EN
NR/SS
OUT
PG
FB
CFF
RPG
COUT
To Load
CIN
Input
Supply
CNR/SS
CBIAS
Optional Bias
Supply
R1
R2
21
TPS7A52
www.ti.com
SBVS295 – NOVEMBER 2019
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2 Typical Application
This section discusses the implementation of the TPS7A52 using an adjustable feedback network to regulate a
4-A load requiring good PSRR at high frequency with low-noise at an output voltage of 0.9 V. Figure 9 provides a
schematic for this typical application circuit.
Figure 9. Typical Application for a 0.9-V Rail
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 6 as the input parameters.
Table 6. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
1.2 V, ±3%, provided by the dc/dc converter switching at 500 kHz
Bias voltage
5V, ±5%
Output voltage
0.9 V, ±1%
Output current
4.0 A (maximum), 100 mA (minimum)
RMS noise, 10 Hz to 100 kHz
< 10 µVRMS
PSRR at 500 kHz
> 40 dB
Start-up time
< 25 ms
8.2.2 Detailed Design Procedure
At 4.0 A and 0.9 VOUT, the dropout of the TPS7A52 has a 240-mV maximum dropout over temperature; thus, a
300-mV headroom is sufficient for operation over both input and output voltage accuracy. At full load and high
temperature on some devices, the TPS7A52 can enter dropout if both the input and output supply are beyond
the edges of the respective accuracy specification.
For a 0.9-V output. use external adjustable resistors. See the resistor values in listed Table 5 for choosing
resistors for a 0.9 V output.
Input and output capacitors are selected in accordance with the Recommended Capacitor Types section.
Ceramic capacitances of 47 µF for the input and one 47-µF capacitor in parallel with two 10-µF capacitors for the
output are selected.
To satisfy the required start-up time and still maintain low noise performance, a 100-nF CNR/SS is selected.
Equation 9 calculates this value.
tSS = (VNR/SS × CNR/SS) / INR/SS
(9)
At the 4.0-A maximum load, the internal power dissipation is 1.2 W and corresponds to a 52°C junction
temperature rise for the RPS package on a standard JEDEC board. With a 55°C maximum ambient temperature,
the junction temperature is at 107.0°C. To further minimize noise, a feed-forward capacitance (CFF) of 10 nF is
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com