Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A5201RPST Datasheet HTML 1Page - Texas Instruments TPS7A5201RPST Datasheet HTML 2Page - Texas Instruments TPS7A5201RPST Datasheet HTML 3Page - Texas Instruments TPS7A5201RPST Datasheet HTML 4Page - Texas Instruments TPS7A5201RPST Datasheet HTML 5Page - Texas Instruments TPS7A5201RPST Datasheet HTML 6Page - Texas Instruments TPS7A5201RPST Datasheet HTML 7Page - Texas Instruments TPS7A5201RPST Datasheet HTML 8Page - Texas Instruments TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TPS7A52
www.ti.com
SBVS295 – NOVEMBER 2019
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
JEDEC standard.
(3)
EVM model.
6.4 Thermal Information
THERMAL METRIC(1)
TPS7A54
UNIT
RPS (VQFN)(2)
RPS (VQFN)(3)
12 PINS
12 PINS
RθJA
Junction-to-ambient thermal resistance
68.7
46.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.8
43.8
°C/W
RθJB
Junction-to-board thermal resistance
19.3
N/A
°C/W
ΨJT
Junction-to-top characterization parameter
1.3
4.5
°C/W
ΨJB
Junction-to-board characterization parameter
18.9
22
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.2
11.4
°C/W
(1)
VOUT(nom) is the calculated VOUT target value from the ANY-OUT in a fixed configuration. In an adjustable configuration, VOUT(nom) is the
expected VOUT value set by the external feedback resistors.
6.5 Electrical Characteristics
over operating junction temperature range (TJ = –40°C to +125°C), VIN = 1.4 V or VIN = VOUT(nom) + 0.5 V (whichever is
greater), VBIAS = open, VOUT(nom) = 0.8 V
(1), OUT connected to 50 Ω to GND, V
EN = 1.1 V, CIN = 10 µF, COUT = 47 µF, CNR/SS =
0 nF, CFF = 0 nF, and PG pin pulled up to VIN with 100 kΩ (unless otherwise noted); typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Feedback voltage
0.8
V
VNR/SS
NR/SS pin voltage
0.8
V
VUVLO+(IN)
Rising input supply
UVLO with BIAS
VIN rising with VBIAS = 3 V
1.02
1.085
V
VUVLO-(IN)
Falling input supply
UVLO with BIAS
VIN falling with VBIAS = 3 V
0.55
0.7
V
VUVLO+(IN)
Rising input supply
UVLO without BIAS
VIN rising
1.31
1.39
V
VUVLO-(IN)
Falling input supply
UVLO without BIAS
VIN falling
0.65
1.057
V
VUVLO+(BIAS)
Rising bias supply
UVLO
VBIAS rising, VIN = 1.1 V
2.83
2.9
V
VUVLO-(BIAS)
Falling bias supply
UVLO
VBIAS falling, VIN = 1.1 V
2.45
2.54
V
VOUT
Output voltage range
0.8
5.2
V
VOUT
Output voltage
accuracy
1.4 V
≤ VIN ≤ 6.5 V,
0.8 V
≤ VOUT ≤ 5.2 V,
5 mA
≤ IOUT ≤ 2 A
–0.75
0.75
%
VIN =1.1 V,
5 mA
≤ IOUT ≤ 2 A,
3 V
≤ VBIAS ≤ 6.5 V
–0.75
0.75
DVOUT/ΔVIN
Line regulation
IOUT = 5 mA,
1.4 V
≤ VIN ≤ 6.5 V
0.03
mV/V
DVOUT/ΔVIN
Load regulation
5 mA
≤ IOUT ≤ 4 A,
3 V
≤ VBIAS ≤ 6.5 V,
VIN = 1.1 V
0.07
mV/A
5 mA
≤ IOUT ≤ 4 A
0.012
VOS
Error amplifier offset
voltage
VIN = 1.4 V;
IOUT = 5mA;
-40
℃ ≤ TJ ≤ +125℃
–2
2
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com