Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A5201RPST Datasheet HTML 5Page - Texas Instruments TPS7A5201RPST Datasheet HTML 6Page - Texas Instruments TPS7A5201RPST Datasheet HTML 7Page - Texas Instruments TPS7A5201RPST Datasheet HTML 8Page - Texas Instruments TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments TPS7A5201RPST Datasheet HTML 10Page - Texas Instruments TPS7A5201RPST Datasheet HTML 11Page - Texas Instruments TPS7A5201RPST Datasheet HTML 12Page - Texas Instruments TPS7A5201RPST Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
VIN
To Load
VREF
GND
R1
R2
9
TPS7A52
www.ti.com
SBVS295 – NOVEMBER 2019
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Voltage Regulation Features
7.3.1.1 DC Regulation
A low dropout regulator (LDO) functions as a class-B amplifier, as shown in Figure 1, in which the input signal is
the internal reference voltage (VREF). VREF is designed to have very low bandwidth at the input to the error
amplifier through the use of a low-pass filter (VNR/SS).
As such, the reference can be considered as a pure dc input signal. The low output impedance of an LDO comes
from the combination of the output capacitor and pass element. The pass element also presents a high input
impedance to the source voltage when operating as a current source. A positive LDO can only source current
because of the class-B architecture.
This device achieves a maximum of 1% output voltage accuracy primarily because of the high-precision band-
gap voltage (VBG) that creates VREF. The low dropout voltage (VDO) reduces the thermal power dissipation
required by the device to regulate the output voltage at a given current level, thereby improving system
efficiency. These features combine to make this device a good approximation of an ideal voltage source.
NOTE: VOUT = VREF × (1 + R1 / R2).
Figure 1. Simplified Regulation Circuit
7.3.1.2 AC and Transient Response
The LDO responds quickly to a transient (large-signal response) on the input supply (line transient) or the output
current (load transient) resulting from the LDO high-input impedance and low output-impedance across
frequency. This same capability also means that the LDO has a high power-supply rejection ratio (PSRR) and,
when coupled with a low internal noise-floor (Vn), the LDO approximates an ideal power supply in ac (small-
signal) and large-signal conditions.
The choice of external component values optimizes the small- and large-signal response. The NR/SS capacitor
(CNR/SS) and feed-forward capacitor (CFF) easily reduce the device noise floor and improve PSRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com