Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments TPS7A5201RPST Datasheet HTML 10Page - Texas Instruments TPS7A5201RPST Datasheet HTML 11Page - Texas Instruments TPS7A5201RPST Datasheet HTML 12Page - Texas Instruments TPS7A5201RPST Datasheet HTML 13Page - Texas Instruments TPS7A5201RPST Datasheet HTML 14Page - Texas Instruments TPS7A5201RPST Datasheet HTML 15Page - Texas Instruments TPS7A5201RPST Datasheet HTML 16Page - Texas Instruments TPS7A5201RPST Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
TPS7A52
www.ti.com
SBVS295 – NOVEMBER 2019
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Successfully implementing an LDO in an application depends on the application requirements. This section
discusses key device features and how to best implement them to achieve a reliable design.
8.1.1 Recommended Capacitor Types
The TPS7A52 is designed to be stable using low equivalent series resistance (ESR) ceramic capacitors at the
input, output, and noise-reduction pin (NR, pin 13). Multilayer ceramic capacitors have become the industry
standard for these types of applications and are recommended, but must be used with good judgment. Ceramic
capacitors that employ X7R-, X5R-, and COG-rated dielectric materials provide relatively good capacitive stability
across temperature. The use of Y5V-rated capacitors is discouraged because of large variations in capacitance.
Regardless of the ceramic capacitor type selected, ceramic capacitance varies with operating voltage and
temperature. Make sure to derate ceramic capacitors by at least 50%. The input and output capacitors
recommended herein account for a capacitance derating of approximately 50%, but at high VIN and VOUT
conditions (VIN = 5.5 V to VOUT = 5.0 V), the derating can be greater than 50%, and must be taken into
consideration.
8.1.1.1 Input and Output Capacitor Requirements (CIN and COUT)
The TPS7A52 is designed and characterized for operation with ceramic capacitors of 47 µF or greater (22 µF or
greater of capacitance) at the output and 10 µF or greater (5 µF or greater of capacitance) at the input. Use at
least a 47-µF capacitor at the input to minimize input impedance. Place the input and output capacitors as near
as practical to the respective input and output pins in order to minimize trace parasitics. If the trace inductance
from the input supply to the TPS7A52 is high, a fast current transient can cause VIN to ring above the absolute
maximum voltage rating and damage the device. This situation can be mitigated by additional input capacitors to
dampen and keep the ringing below the device absolute maximum ratings.
A combination of multiple output capacitors boosts the high-frequency PSRR. The combination of one 0805-
sized, 47-µF ceramic capacitor in parallel with two 0805-sized, 10-µF ceramic capacitors with a sufficient voltage
rating, in conjunction with the PSRR boost circuit, optimizes PSRR for the frequency range of 400 kHz to
700 kHz, a typical range for dc/dc supply switching frequency. This 47-µF || 10-µF || 10-µF capacitor combination
also makes certain that at high input voltage and high output voltage configurations, the minimum effective
capacitance is met. Many 0805-sized, 47-µF ceramic capacitors have a voltage derating of approximately 60% to
80% at 5.0 V, so the addition of the two 10-µF capacitors makes sure that the capacitance is at or above 22 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com