Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A5201RPST Datasheet HTML 1Page - Texas Instruments TPS7A5201RPST Datasheet HTML 2Page - Texas Instruments TPS7A5201RPST Datasheet HTML 3Page - Texas Instruments TPS7A5201RPST Datasheet HTML 4Page - Texas Instruments TPS7A5201RPST Datasheet HTML 5Page - Texas Instruments TPS7A5201RPST Datasheet HTML 6Page - Texas Instruments TPS7A5201RPST Datasheet HTML 7Page - Texas Instruments TPS7A5201RPST Datasheet HTML 8Page - Texas Instruments TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
EN
NR/SS
PG
FB
IN
IN
BIAS
GND
OUT
OUT
1
2
3
4
5
11
10
9
8
7
3
TPS7A52
www.ti.com
SBVS295 – NOVEMBER 2019
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
RPS Package
2.2-mm × 2.5-mm, 12-Pin VQFN
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
I/O
BIAS
5
I
BIAS supply voltage. This pin enables the use of low-input voltage, low-output (LILO) voltage conditions
(that is, VIN = 1.2 V, VOUT = 1 V) to reduce power dissipation across the die. The use of a BIAS voltage
improves dc and ac performance for VIN ≤ 2.2 V. A 10-µF capacitor or larger must be connected between
this pin and ground. If not used, this pin must be left floating or tied to ground.
EN
3
I
Enable pin. Driving this pin to logic high enables the device; driving this pin to logic low disables the
device. If enable functionality is not required, this pin must be connected to IN or BIAS.
FB
9
I
Feedback pin connected to the error amplifier. Although not required, a 10-nF feed-forward capacitor from
FB to OUT (as close to the device as possible) is recommended to maximize ac performance. The use of
a feed-forward capacitor can disrupt PG (power good) functionality.
GND
6, 7, 12
—
Ground pin. These pins must be connected to ground, the thermal pad, and each other with a low-
impedance connection.
IN
1, 2
I
Input supply voltage pin. A 10-µF or larger ceramic capacitor (5 µF or greater of capacitance) from IN to
ground is recommended to reduce the impedance of the input supply. Place the input capacitor as close
to the input as possible.
NR/SS
4
—
Noise-reduction and soft-start pin. Connecting an external capacitor between this pin and ground reduces
reference voltage noise and also enables the soft-start function. Although not required, a 10-nF or larger
capacitor is recommended to be connected from NR/SS to GND (as close to the pin as possible) to
maximize ac performance.
OUT
10, 11
O
Regulated output pin. A 47-µF or larger ceramic capacitor (25 µF or greater of capacitance) from OUT to
ground is required for stability and must be placed as close to the output as possible. Minimize the
impedance from the OUT pin to the load.
PG
8
O
Active-high, power-good pin. An open-drain output indicates when the output voltage reaches VIT(PG) of
the target. The use of a feed-forward capacitor can disrupt PG (power good) functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com