Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A5201RPST Datasheet HTML 2Page - Texas Instruments TPS7A5201RPST Datasheet HTML 3Page - Texas Instruments TPS7A5201RPST Datasheet HTML 4Page - Texas Instruments TPS7A5201RPST Datasheet HTML 5Page - Texas Instruments TPS7A5201RPST Datasheet HTML 6Page - Texas Instruments TPS7A5201RPST Datasheet HTML 7Page - Texas Instruments TPS7A5201RPST Datasheet HTML 8Page - Texas Instruments TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments TPS7A5201RPST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
TPS7A52
SBVS295 – NOVEMBER 2019
www.ti.com
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating junction temperature range (TJ = –40°C to +125°C), VIN = 1.4 V or VIN = VOUT(nom) + 0.5 V (whichever is
greater), VBIAS = open, VOUT(nom) = 0.8 V
(1), OUT connected to 50 Ω to GND, V
EN = 1.1 V, CIN = 10 µF, COUT = 47 µF, CNR/SS =
0 nF, CFF = 0 nF, and PG pin pulled up to VIN with 100 kΩ (unless otherwise noted); typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDO
Dropout voltage
VIN = 1.4 V,
IOUT = 2 A,
VFB = 0.8 V – 3%
175
mV
VIN = 5.3 V, IOUT = 2 A,
VFB = 0.8 V – 3%
175
VIN = 5.5 V, IOUT = 2 A,
VFB = 0.8 V – 3%
275
VIN = 1.1 V,
3.0 V
≤ VBIAS ≤ 6.5 V,
IOUT = 2 A, VFB = 0.8 V – 3%
100
ILIM
Output current limit
VOUT forced at 0.9 × VOUT(nom),
VIN = VOUT(nom) + 0.4 V
2.8
3.3
3.8
A
ISC
Short-circuit current
limit
RLOAD = 20 mΩ
2
A
IGND
GND pin current
VIN = 6.5 V, IOUT = 5 mA
2.8
4
mA
VIN = 1.4 V, IOUT = 2 A
4.8
5
Shutdown, PG = open,
VIN = 6.5 V, VEN = 0.5 V
25
µA
IEN
EN pin current
VIN = 6.5 V,
VEN = 0 V and 6.5 V
–
0.5
µA
IBIAS
BIAS pin current
VIN = 1.1 V, VBIAS = 6.5 V,
VOUT(nom) = 0.8 V, IOUT = 2A
2.3
3.5
mA
VIL(EN)
EN pin low-level input
voltage (disable device)
0
0.5
V
VIH(EN)
EN pin high-level input
voltage (enable device)
1.1
6.5
V
VIT-(PG)
Falling PG pin threshold For falling VOUT
82% × VOUT 88.3% × VOUT
93% × VOUT
V
VIT+(PG)
Rising PG pin threshold
For rising VOUT
84% × VOUT 89.3% × VOUT
95% × VOUT
V
VOL(PG)
PG pin low-level output
voltage
VOUT < VIT(PG),
IPG = –1 mA (current into device)
0.4
V
Ilkg(PG)
PG pin leakage current
VOUT > VIT(PG), VPG = 6.5 V
1
µA
INR/SS
NR/SS pin charging
current
VNR/SS = GND, VIN = 6.5 V
4
6.2
9
IFB
FB pin leakage current
VIN = 6.5 V
–
100
nA
RNR
NR resistor value
250
kΩ
PSRR
Power-supply rejection
ratio
VIN – VOUT = 0.5 V, VOUT = 0.8 V,
VBIAS = 5 V, IOUT = 2 A,
CNR/SS = 100 nF, CFF = 10 nF,
COUT = 47 µF || 10 µF || 10 µF,
f = 10 kHz
dB
VIN – VOUT = 0.5 V, VOUT = 0.8 V,
VBIAS = 5 V, IOUT = 2 A,
CNR/SS = 100 nF, CFF = 10 nF,
COUT = 47 µF || 10 µF || 10 µF,
f = 500 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com