Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS7A5201RPST Datasheet HTML 8Page - Texas Instruments TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments TPS7A5201RPST Datasheet HTML 10Page - Texas Instruments TPS7A5201RPST Datasheet HTML 11Page - Texas Instruments TPS7A5201RPST Datasheet HTML 12Page - Texas Instruments TPS7A5201RPST Datasheet HTML 13Page - Texas Instruments TPS7A5201RPST Datasheet HTML 14Page - Texas Instruments TPS7A5201RPST Datasheet HTML 15Page - Texas Instruments TPS7A5201RPST Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
TPS7A52
SBVS295 – NOVEMBER 2019
www.ti.com
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
All table conditions must be met.
(2)
VBIAS is only required for VIN < 1.4 V.
(3)
The device is disabled when any condition is met.
7.3.3.2 Thermal Protection (Tsd)
The thermal shutdown circuit protects the LDO against excessive heat in the system, either resulting from current
limit or high ambient temperature.
The output of the LDO turns off when the LDO temperature (junction temperature, TJ) exceeds the rising thermal
shutdown temperature. The output turns on again after TJ decreases below the falling thermal shutdown
temperature.
A high power dissipation across the device, combined with a high ambient temperature (TA), can cause TJ to be
greater than or equal to Tsd, triggering the thermal shutdown and causing the output to fall to 0 V. The LDO can
cycle on and off when thermal shutdown is reached under these conditions.
7.4 Device Functional Modes
Table 3 provides a quick comparison between the regulation and disabled operation.
Table 3. Device Functional Modes Comparison
OPERATING
MODE
PARAMETER
VIN
VBIAS
EN
IOUT
TJ
Regulation(1)
VIN > VOUT(nom) + VDO
VBIAS ≥ VUVLO(BIAS)
(2)
VEN > VIH(EN)
IOUT < ICL
TJ ≤ TJ(maximum)
Disabled(3)
VIN < VUVLO_1,2(IN)
VBIAS < VUVLO(BIAS)
VEN < VIL(EN)
—
TJ > Tsd
7.4.1 Regulation
The device regulates the output to the nominal output voltage when all conditions in Table 3 are met.
7.4.2 Disabled
When disabled, the pass device is turned off, the internal circuits are shut down, and the output voltage is
actively discharged to ground by an internal resistor from the output to ground. See the Active Discharge section
for additional information.
7.4.3 Current Limit Operation
During a current-limit event, the LDO regulates the output current instead of the output voltage; therefore, the
output voltage falls with decreased load impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com