Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A5201RPST Datasheet HTML 1Page - Texas Instruments TPS7A5201RPST Datasheet HTML 2Page - Texas Instruments TPS7A5201RPST Datasheet HTML 3Page - Texas Instruments TPS7A5201RPST Datasheet HTML 4Page - Texas Instruments TPS7A5201RPST Datasheet HTML 5Page - Texas Instruments TPS7A5201RPST Datasheet HTML 6Page - Texas Instruments TPS7A5201RPST Datasheet HTML 7Page - Texas Instruments TPS7A5201RPST Datasheet HTML 8Page - Texas Instruments TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
IQ Modulators
IQ Demodulators
PG
OUT
IN
EN
Input Supply
TRF372017
TRF3722
TRF371125
TRF371135
VCC
VCC
TPS7A52
DSP,
ASIC,
FPGA
TPS7A52
VDD
GPIO
PG
OUT
IN
BIAS
EN
Bias Supply
Input Supply
EN Signal
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPS7A52
SBVS295 – NOVEMBER 2019
TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 µVRMS), LDO Voltage Regulator
1
1 Features
1
•
Input voltage range:
–
Without BIAS: 1.4 V to 6.5 V
–
With BIAS: 1.1 V to 6.5 V
•
Adjustable output voltage range: 0.8 V to 5.2 V
•
Low dropout: 125 mV (max) at 2 A with BIAS
•
Output voltage noise: 4.4 µVRMS
•
1% (max) accuracy over line, load, and
temperature with BIAS
•
Power-supply ripple rejection:
–
40 dB at 500 kHz
•
Adjustable soft-start inrush control
•
Open-drain, power-good (PG) output
•
2.2-mm × 2.5-mm, 12-pin VQFN package
2 Applications
•
Macro RRU
•
Microwave antennas
•
Active antenna system mMIMO (AAS)
•
Ultrasound scanners
•
Lab and field instrumentation
•
Sensor, imaging, and radar
3 Description
The TPS7A52 is a low-noise (4.4 µVRMS), low-dropout
linear regulator (LDO) capable of sourcing 2 A with
only 125 mV of maximum dropout. The device output
voltage is pin-programmable from 0.8 V to 3.95 V and
adjustable from 0.8 V to 5.2 V using an external
resistor divider.
The combination of low-noise (4.4 µVRMS), high
PSRR, and high output current capability makes the
TPS7A52 an excellent choice to power noise-
sensitive components such as those found in high-
speed communications, video, medical, or test-and-
measurement applications. The high performance of
this
device
limits
power-supply-generated
phase
noise and clock jitter, making this device ideal for
powering high-performance serializer and deserializer
(SerDes), analog-to-digital converters (ADCs), and
digital-to-analog converters (DACs). Specifically, RF
amplifiers benefit from the high performance and 5.2-
V output capability of the device.
For
digital
loads
[such
as
application-specific
integrated circuits (ASICs), field-programmable gate
arrays
(FPGAs),
and
digital
signal
processors
(DSPs)] requiring low-input voltage, low-output (LILO)
voltage operation, the exceptional accuracy (0.75%
over
load
and
temperature),
remote
sensing,
excellent
transient
performance,
and
soft-start
capabilities of the TPS7A52 provides optimal system
performance.
As an adjustable voltage regulator, there is versatility
in the design of the TPS7A52 that makes the device
a component of choice for analog loads such as
voltage-controlled oscillator (VCO), ADC, DAC, and
imaging sensors and for digital loads such as
SerDes, FPGAs, and DSPs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS7A52
VQFN (12)
2.20 mm × 2.50 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Powering RF Components
Powering Digital Loads


Similar Part No. - TPS7A5201RPST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A5201QRGRRQ1 TI1-TPS7A5201QRGRRQ1 Datasheet
375Kb / 28P
Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A5201QRGRRQ1 TI1-TPS7A5201QRGRRQ1 Datasheet
2Mb / 42P
2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A5201WQRTKRQ1 TI1-TPS7A5201WQRTKRQ1 Datasheet
2Mb / 42P
2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
More results

Similar Description - TPS7A5201RPST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A84A TI1-TPS7A84A Datasheet
2Mb / 46P
3-A, High-Accuracy (0.75%), Low-Noise (4.4-uVRMS) LDO Regulator
TPS7A83A TI1-TPS7A83A Datasheet
2Mb / 46P
2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A83A TI1-TPS7A83A_18 Datasheet
3Mb / 49P
2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A53 TI1-TPS7A53 Datasheet
475Kb / 28P
TPS7A53 3-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A84A TI1-TPS7A84A_V01 Datasheet
3Mb / 53P
TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
TPS7A84A TI1-TPS7A84A_V02 Datasheet
3Mb / 53P
TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
TPS7A83A TI-TPS7A83A Datasheet
5Mb / 60P
TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
TPS7A83A TI-TPS7A83A_V01 Datasheet
5Mb / 60P
TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com