Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A5201RPST Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A5201RPST
Description  TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5201RPST Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7A5201RPST Datasheet HTML 4Page - Texas Instruments TPS7A5201RPST Datasheet HTML 5Page - Texas Instruments TPS7A5201RPST Datasheet HTML 6Page - Texas Instruments TPS7A5201RPST Datasheet HTML 7Page - Texas Instruments TPS7A5201RPST Datasheet HTML 8Page - Texas Instruments TPS7A5201RPST Datasheet HTML 9Page - Texas Instruments TPS7A5201RPST Datasheet HTML 10Page - Texas Instruments TPS7A5201RPST Datasheet HTML 11Page - Texas Instruments TPS7A5201RPST Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
+
±
Charge
Pump
Current
Limit
0.8-V
VREF
Thermal
Shutdown
Error
Amp
Internal
Controller
OUT
FB
PG
EN
NR/SS
IN
INR/SS
GND
Active
Discharge
+
±
0.88 x VREF
200 pF
BIAS
UVLO
Circuits
RNR/SS = 250 k:
PSRR
Boost
8
TPS7A52
SBVS295 – NOVEMBER 2019
www.ti.com
Product Folder Links: TPS7A52
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS7A52 is a high-current (4 A), low-noise (4.4 µVRMS), high accuracy (1%) low-dropout linear voltage
regulator with an input range of 1.1 V to 6.5 V and an output voltage range of 0.8 V to 5.1 V. The TPS7A52 has
an integrated charge pump for ease of use, and an external bias rail to allow for the lowest dropout across the
entire output voltage range. Table 1 categorizes the functions shown in the Functional Block Diagram. These
features make the TPS7A52 a robust solution to solve many challenging problems by generating a clean,
accurate power supply in a variety of applications.
Table 1. Device Features
VOLTAGE REGULATION
SYSTEM START-UP
INTERNAL PROTECTION
High accuracy
Programmable soft start
Foldback current limit
Low-noise, high-PSRR output
No sequencing requirement between BIAS,
IN, and EN
Thermal shutdown
Fast transient response
Power-good output
Start-up with negative bias on OUT
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com