Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 62 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 58Page - STMicroelectronics STV82X7DT Datasheet HTML 59Page - STMicroelectronics STV82X7DT Datasheet HTML 60Page - STMicroelectronics STV82X7DT Datasheet HTML 61Page - STMicroelectronics STV82X7DT Datasheet HTML 62Page - STMicroelectronics STV82X7DT Datasheet HTML 63Page - STMicroelectronics STV82X7DT Datasheet HTML 64Page - STMicroelectronics STV82X7DT Datasheet HTML 65Page - STMicroelectronics STV82X7DT Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 149 page
background image
Register List
STV82x7
62/149
DC_ERR_IF
DC Offset Status for IF ADC
12.5
Demodulator Channel 1
CARFQ1H, CARFQ1M, CARFQ1L
Channel 1 Carrier DCO Frequency
Note:
Carrier Freq: CARFQ1(dec).fS / 2
24 with f
S = 24.576 MHz (crystal oscillator frequency
independent)
Address: 10h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DC_ERR[7:0]
Bit Name
Reset
Function
DC_ERR[7:0]
00000000
DC offset error of IF ADC output
Address: 12h to 14h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CARFQ1[23:16], CARFQ1[15:8], CARFQ1[7:0]
Bit Name
Reset
Function
CARFQ1[23:16]
CARFQ1[15:8]
CARFQ1[7:0]
00111110
10000000
00000000
Channel 1 DCO Carrier Frequency (8 MSBs)
Channel 1 DCO Carrier Frequency
Channel 1 DCO Carrier Frequency (8 LSBs), see Table 10.
Table 10: Mono Carrier Frequencies by System
System
Mono Carrier Freq. (MHz)
CARFQ1[23:0] (dec)
CARFQ1[23:0]
M/N
4.5
3072000
2EE000h
B/G
5.5
3754667
394AABh
I
6.0
4096000
3E8000h
L
6.5
4453717
43F555h
D/K/K1/K2
6.5
4437333
43B555h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com