Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 86 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 82Page - STMicroelectronics STV82X7DT Datasheet HTML 83Page - STMicroelectronics STV82X7DT Datasheet HTML 84Page - STMicroelectronics STV82X7DT Datasheet HTML 85Page - STMicroelectronics STV82X7DT Datasheet HTML 86Page - STMicroelectronics STV82X7DT Datasheet HTML 87Page - STMicroelectronics STV82X7DT Datasheet HTML 88Page - STMicroelectronics STV82X7DT Datasheet HTML 89Page - STMicroelectronics STV82X7DT Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 149 page
background image
Register List
STV82x7
86/149
DC_REMOVAL_L
FM DC Offset Left Registerl
DC_REMOVAL_R
FM DC Offset Right Register
Address: 91h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DC_REMOVAL_L[7:0]
Bit Name
Reset
Function
DC_REMOVAL_L[7:0]
0000 0000
Displays (in two’s complement format) the FM (or AM) DC offset level after demodulation on
channel 1 (and removed automatically).
In FM mode, the DC offset value gives a direct value of the carrier frequency offset which is
used to compensate the DCO with the CAROFFSET1 value in the event of an out-of-standard
offset. The range and the resolution depend upon the FM bandwidth programmed defined in
register BCOEFF1. See Table 20.
Address: 92h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DC_REMOVAL_R[7:0]
Bit Name
Reset
Function
DC_REMOVAL_R[7:0]
0000 0000
Displays (in two’s complement format) the FM (or AM) DC offset level after demodulation on
channel 2 (and removed automatically).
In FM mode, the DC offset value gives a direct value of the carrier frequency offset which is
used to compensate the DCO with the CAROFFSET2 value in the event of an out-of-
standard offset. The range and the resolution depend upon the FM bandwidth programmed
defined in register BCOEFF2. See Table 20.
Table 20: DC_REMOVAL_L/R Range and Resolution
FM mode
Range (kHz)
Resolution (kHz)
Small
± 96
0.750
Standard & A2 Standard
± 192
1.5
Medium
± 384
3
Large
± 768
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com