Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 84 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 80Page - STMicroelectronics STV82X7DT Datasheet HTML 81Page - STMicroelectronics STV82X7DT Datasheet HTML 82Page - STMicroelectronics STV82X7DT Datasheet HTML 83Page - STMicroelectronics STV82X7DT Datasheet HTML 84Page - STMicroelectronics STV82X7DT Datasheet HTML 85Page - STMicroelectronics STV82X7DT Datasheet HTML 86Page - STMicroelectronics STV82X7DT Datasheet HTML 87Page - STMicroelectronics STV82X7DT Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 149 page
background image
Register List
STV82x7
84/149
Note:
The time-out default value is optimum and does not normally need to be changed.
AUTOSTD_STATUS
Detection Standard Status Register
ZWEITON_TIME[2:0]
100
Zweiton Detection Time-out
000: forbidens
100: 1280 ms (Default)
001: 512 ms
101: 1536 ms
010: 768 ms
110: 1792 ms
011: 1024 ms
111: 2040 ms
Address: 8Eh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STEREO_ID
STEREO_OK
MONO_OK
AUTOSTD_ON
STEREO_SID[1:0]
MONO_SID[1:0]
Bit Name
Reset
Function
STEREO_ID
0
Stereo Mode Detection flag activated when a stereo standard coming from the demodulator
selected on Loudspeakers output. Stereo transmission modes are:
- Zweiton Stereo Carrier AND Stereo Modulation (indifferently German or Korean standard)
- NICAM stereo with backup (CBI = 1000)
- NICAM stereo with no backup (CBI = 0000)
AUTOSTD_ON
0
Automatic Standard Recognition System Status
0: Automatic Standard Recognition System is OFF
1: Automatic Standard Recognition System is ON
STEREO_SID[1:0]
00
Identification of the detected TV sound standard. See Table 19.
MONO_SID[1:0]
00
STEREO_OK
0
STEREO STANDARD DETECTED
MONO_OK
0
MONO STANDARD DETECTED
Table 19: TV Sound Standards
System
Mono Sound
(MHz)
MONO_SID
[1:0]
LDK_SW
DK_DEV
[1:0]
Stereo Sound
(MHz)
STEREO_SID
[1:0]
M/N
4.5 (FM 27k)
00
X
XX
4.724 (Zweiton A2+)
00
B/G
5.5 (FM 50k)
01
X
XX
5.85 (NICAM 40%)
00
X
XX
5.742 (Zweiton A2)
01
I
6.0 (FM 50k)
10
X
XX
6.552 (NICAM 100%)
00
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com