Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 87 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 83Page - STMicroelectronics STV82X7DT Datasheet HTML 84Page - STMicroelectronics STV82X7DT Datasheet HTML 85Page - STMicroelectronics STV82X7DT Datasheet HTML 86Page - STMicroelectronics STV82X7DT Datasheet HTML 87Page - STMicroelectronics STV82X7DT Datasheet HTML 88Page - STMicroelectronics STV82X7DT Datasheet HTML 89Page - STMicroelectronics STV82X7DT Datasheet HTML 90Page - STMicroelectronics STV82X7DT Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 149 page
background image
87/149
STV82x7
Register List
PRESCALE_SELECT
AM/FM Prescaling Select Register
PRESCALE_AM
AM Prescaling Register
PRESCALE_FM
FM Prescaling Register
Address: 93h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00000
AM_FM_
SELECT
Bit Name
Reset
Function
Bits[7:1]
0000000 Reserved.
AM_FM_SELECT
0
0: FM prescale is applied to demodulator channels
1: AM prescale is applied to demodulator channels
Address: 94h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
PRESCALE_AM
Bit Name
Reset
Function
Bit 7
0
Reserved.
PRESCALE_AM[6:0]
0000000 -12 to + 24 dB AM prescaling to normalize the AM demodulated signal level before audio
processing. Auto level control can be implemented by I2C software using the Peak Level
Detector. (Default value = 0 dB)
G (dB)
G (dB)
0110000
+24
1101100
-10
0101111
+23.5
1101011
-10.5
0101110
+23
1101010
-11
0101101
+22.5
1101001
-11.5
0101100
+22
1101000
-12
etc.
Address: 95h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
PRESCALE_FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com