Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 68 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 64Page - STMicroelectronics STV82X7DT Datasheet HTML 65Page - STMicroelectronics STV82X7DT Datasheet HTML 66Page - STMicroelectronics STV82X7DT Datasheet HTML 67Page - STMicroelectronics STV82X7DT Datasheet HTML 68Page - STMicroelectronics STV82X7DT Datasheet HTML 69Page - STMicroelectronics STV82X7DT Datasheet HTML 70Page - STMicroelectronics STV82X7DT Datasheet HTML 71Page - STMicroelectronics STV82X7DT Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 149 page
background image
Register List
STV82x7
68/149
FIR2C[0:7]
Channel 2 FIR Coefficients
ACOEFF2
Channel 2 Baseband PLL Loop Filter Proportional
Coefficient
BCOEFF2
Channel 2 Baseband PLL Loop Filter Integral
Coefficient & DCO Gain
Address: 2Bh to 32h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FIR2C0[7:0] to FIR2C7[7:0]
Table 14: Channel 2 FIR Coefficients
Bitfield
Description
FM 27 kHz
FM 50 kHz
QPSK 40%
(reset state)
QPSK100%
FIR2C0[7:0]
FFh
00h
00h
00h
FIR2C1[7:0]
FEh
FEh
00h
00h
FIR2C2[7:0]
FEh
FCh
FFh
00h
FIR2C3[7:0]
00h
FDh
03h
00h
FIR2C4[7:0]
06h
02h
00h
FFh
FIR2C5[7:0]
0Eh
0Dh
F4h
04h
FIR2C6[7:0]
16h
18h
0Ah
14h
FIR2C7[7:0]
1Bh
1Fh
3Dh
25h
Address: 33h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACOEFF2[7:0]
Bit Name
Reset
Function
ACOEFF2[7:0]
10010000
This value defines the loop clamping factor used to program the Proportional Coefficient of the
baseband PLL loop filter (Channel 2). See Table 15 and Table 16.
Address: 34h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BCOEFF2[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com