Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 75 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 71Page - STMicroelectronics STV82X7DT Datasheet HTML 72Page - STMicroelectronics STV82X7DT Datasheet HTML 73Page - STMicroelectronics STV82X7DT Datasheet HTML 74Page - STMicroelectronics STV82X7DT Datasheet HTML 75Page - STMicroelectronics STV82X7DT Datasheet HTML 76Page - STMicroelectronics STV82X7DT Datasheet HTML 77Page - STMicroelectronics STV82X7DT Datasheet HTML 78Page - STMicroelectronics STV82X7DT Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 149 page
background image
75/149
STV82x7
Register List
SCART1_2_OUTPUT_CTRL
Register Description
Bit Name
Reset
Function
I2S_DATA0_CTRL[1:0]
00
00 = SCART
01 = L, R
10 = HP or Srnd
11 = C/Sub
Bits[7:4]
0000
Reserved.
ADC_POWER_UP
1
Control of the power up of the Audio ADC
0: ADC in power down mode
1: Wake up of the ADC
ADC_INPUT_SEL [2:0]
000
Selection of the ADC input signal
000: SCART 1 (Default)
011: SCART 4
001: SCART 2
100: Mono input
010: SCART 3
Other: reserved
Address: 57h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SC2_MUTE
SC2_OUTPUT_SEL[2:0]
SC1_MUTE
SC1_OUTPUT_SEL[2:0]
Bit Name
Reset
Function
SC2_MUTE
1
Mute command for the output SCART 2
0: output not muted
1: output muted
SC2_OUTPUT_SEL[2:0]
010
Selection of the output SCART 2 configuration:
000: DSP
100: Input SCART 3
001: Mono input
101: Input SCART 4
010: Input SCART 1 (Default)
Other: Reserved
011: Input SCART 2
SC1_MUTE
1
Mute command for the output scart 1
0: output not muted
1: output muted
SC1_OUTPUT_SEL[2:0]
000
Selection of the output SCART 1 configuration:
000: DSP (Default)
100: Input SCART 3
001: Mono input
101: Input SCART 4
010: Input SCART 1
Other: Reserved
011: Input SCART 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com