Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 74 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 70Page - STMicroelectronics STV82X7DT Datasheet HTML 71Page - STMicroelectronics STV82X7DT Datasheet HTML 72Page - STMicroelectronics STV82X7DT Datasheet HTML 73Page - STMicroelectronics STV82X7DT Datasheet HTML 74Page - STMicroelectronics STV82X7DT Datasheet HTML 75Page - STMicroelectronics STV82X7DT Datasheet HTML 76Page - STMicroelectronics STV82X7DT Datasheet HTML 77Page - STMicroelectronics STV82X7DT Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 149 page
background image
Register List
STV82x7
74/149
ZWT_STAT
Zweiton Status Register
12.9
Analog Control
ADC_CTRL
Register Description
ZWT_TIME[2:0]
100
Defines the period of the reset tone used for tone detection system reset.
Duration (ms)
000
256
001
512
010
768
011
1024
100
1280
101
1536
110
1792
111
2040
Address: 42h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LRST_TONE_
OFF
00
0
ZW_STAT_
RDY
ZW_DET
ZW_ST
ZW_DM
Bit Name
Reset
Function
LRST_TONE_OFF
0
Indicates the status of the control bit programmed in the reg ZWT-CTRL
0: Periodical reset of tone detection enabled
1: Periodical reset of tone detection disabled
Bits[6:4]
000
Reserved.
ZW_STAT_RDY
0
Periodic flag indicating when the tone detection flags are updated and ready to be read
ZW_DET
0
Pilot Detection Flag
ZW_ST
0
Stereo Tone Detection Flag
ZW_DM
0
Dual Mono Tone Detection Flag
Address: 56h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2S_DATA0_CTRL[1:0]
0
0
ADC_POWER
_UP
ADC_INPUT_SEL[2:0]
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com