Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 6Page - STMicroelectronics STV82X7DT Datasheet HTML 7Page - STMicroelectronics STV82X7DT Datasheet HTML 8Page - STMicroelectronics STV82X7DT Datasheet HTML 9Page - STMicroelectronics STV82X7DT Datasheet HTML 10Page - STMicroelectronics STV82X7DT Datasheet HTML 11Page - STMicroelectronics STV82X7DT Datasheet HTML 12Page - STMicroelectronics STV82X7DT Datasheet HTML 13Page - STMicroelectronics STV82X7DT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
General Description
STV82x7
10/149
— External audio input interface using 3 x I²S (for decoded streams such as Dolby
® Digital
and/or standard stereo streams)
1.1.4
Electrical Features
Multi Power Supply: 1.8 V, 3.3 V and 8 V.
Power Consumption:
● lower than 1 W in Functional mode (full features)
● 200 mW in Loop-through mode corresponding to Switch-off of all digital blocks
1.2
Typical Applications
The STV82x7 is specified to enable flexible, analog and digital TV chassis design (refer to Figure 2,
Figure 3, Figure 4 and Figure 5).
The main considerations are:
●
all necessary connections between devices can be provided through the TV set,
●
pseudo stand-by mode used to copy to VCR or the DVD sources when the TV set is OFF,
●
possible application compatibility with STV82x6 (TQFP80 package) TV design,
● pin-to-pin compatibility with STV82x8 (TQFP80 package) TV design.
The STV82x7 is used to process a single audio source (analog or digital). However, it is possible to
process two audio sources simultaneously using an STV82x7 interconnection (two chips can be
easily connected).
In the case of a single audio source, it is possible to hear and record in the same time: the same
audio stream can be simultaneously output on headphone, loudspeakers, S/PDIF and the SCART
connectors.
Note:
Headphone and loudspeakers can be used simultaneously for dual-language purposes or for
different sound settings (e.g. volume). In this case, certain restrictions occur (see Section 4.2: Audio
Processing).
For more connections, the SCART-to-SCART path can be used. The use of these full analog paths
implies that the sound is not digitally processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com