Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 67 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 63Page - STMicroelectronics STV82X7DT Datasheet HTML 64Page - STMicroelectronics STV82X7DT Datasheet HTML 65Page - STMicroelectronics STV82X7DT Datasheet HTML 66Page - STMicroelectronics STV82X7DT Datasheet HTML 67Page - STMicroelectronics STV82X7DT Datasheet HTML 68Page - STMicroelectronics STV82X7DT Datasheet HTML 69Page - STMicroelectronics STV82X7DT Datasheet HTML 70Page - STMicroelectronics STV82X7DT Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 149 page
background image
67/149
STV82x7
Register List
IAGCS
Channel 2 Internal AGC Status for QPSK
CARFQ2H, CARFQ2M, CARFQ2L
Channel 2 Carrier DCO Frequency
Address: 27h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IAGC_CTRL[7:0]
Bit Name
Reset
Function
IAGC_CTRL[7:0]
00000000
Indicates the value of the internal AGC gain control
Address: 28H to 2Ah
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CARFQ2[23:16], CARFQ2[15.8], CARFQ2[7:0]
Bit Name
Reset
Function
CARFQ2[23:16]
CARFQ2[15.8]
CARFQ2[7:0]
01000100
01000000
00000000
Channel 2 DCO Carrier Frequency (8 MSBs)
Channel 2 DCO Carrier Frequency
Channel 2 DCO Carrier Frequency (8 LSBs) See Table 13.
Table 13: Stereo Carrier Frequencies by System
System
Stereo Carrier Freq. (MHz)
CARFQ2[23:0] (Dec)
CARFQ2[23:0]
M/N A2+
4.724212
3225062
3135E6h
B/G NICAM
5.85
3993600
3CF000h
BG A2
5.7421875
3920000
3BD080h
I NICAM
6.552
4472832
444000h
L NICAM
5.85
3993600
3CF000h
DK NICAM
5.85
3993600
3CF000h
DK1 A2*
6.258125
4272000
412F80h
DK2 A2*
6.7421875
4602667
463B2Bh
DK3 A2*
5.7421875
3920000
3BD080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com