Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 25Page - STMicroelectronics STV82X7DT Datasheet HTML 26Page - STMicroelectronics STV82X7DT Datasheet HTML 27Page - STMicroelectronics STV82X7DT Datasheet HTML 28Page - STMicroelectronics STV82X7DT Datasheet HTML 29Page - STMicroelectronics STV82X7DT Datasheet HTML 30Page - STMicroelectronics STV82X7DT Datasheet HTML 31Page - STMicroelectronics STV82X7DT Datasheet HTML 32Page - STMicroelectronics STV82X7DT Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 149 page
background image
29/149
STV82x7
Dedicated Digital Signal Processor (DSP)
Speakers that have limited bass handling capabilities will be referred to as “satellite speakers”, then
signals sent to satellite speaker will be high-pass filtered to remove bass information below 100 Hz.
In the STV82x7, five output configuration modes have been implemented according to “Dolby
Digital Consumer Decoder” specifications. They are described below.
4.6.1
Bass Management Configuration 0
In some cases, the bass management filters are available in the decoder itself, so there is no need
to reproduce these filters. The output configuration shown in Figure 13 offers this possibility.
Figure 13: Bass Management Configuration 0 (with Pro Logic switch indicating its reset state)
R
L
C
Ls
Rs
LFE
L
R
C
Ls
Rs
SubW
+
-15 dB
-5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com