Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 43 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 39Page - STMicroelectronics STV82X7DT Datasheet HTML 40Page - STMicroelectronics STV82X7DT Datasheet HTML 41Page - STMicroelectronics STV82X7DT Datasheet HTML 42Page - STMicroelectronics STV82X7DT Datasheet HTML 43Page - STMicroelectronics STV82X7DT Datasheet HTML 44Page - STMicroelectronics STV82X7DT Datasheet HTML 45Page - STMicroelectronics STV82X7DT Datasheet HTML 46Page - STMicroelectronics STV82X7DT Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 149 page
background image
43/149
STV82x7
Power Supply Management
8
Power Supply Management
A mixed supply voltage environment requires the following voltages:
● 3.3V capable inputs/outputs for digital pins;
● 1.8V digital core;
● 8V capable inputs/outputs for analog audio interfaces (capability to output 2 VRMS for SCART
requirements);
● 3.3V for stereo ADC and DAC (analog part);
● 1.8V for stereo ADC and DAC (digital part);
● 1.8V for IF ADC and AGC.
These voltages will be delivered by the application with an accuracy of ±5%. For more information,
refer to Section 13.3: Power Supply Data.
Other specific DC voltages or features are provided:
● Voltage Reference and Biasing Generation (AGC, ADCs, DACs),
● Bandgap reference.
8.1
Standby Mode (Loop-through mode)
The STV82x7 provides a Loop-through mode configuration that bypasses IC functions via a SCART
I/O pin (Full Analog Path only). In this case, only a minimum power of 200 mW is required.
In Standby mode, the digital and analog power supplies are switched off, except for pins VCC_H,
VCC33_LS, VCC33_SC, and VCC_NISO which are used to maintain the SCART path with the last
configuration programmed by analog matrixing (register SCART1_2_OUTPUT_CTRL and
SCART3_OUTPUT_CTRL). When switching back to normal Full Power mode, all I²C registers are
reset except for those used in Standby mode to maintain the original configuration.
In Standby mode, the I²C bus does not operate. However, the bus can still be used by other ICs
since the I²C I/O pins (SDA and SCL) of the STV82x7 are forced into a high-impedance
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com