Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 103 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 99Page - STMicroelectronics STV82X7DT Datasheet HTML 100Page - STMicroelectronics STV82X7DT Datasheet HTML 101Page - STMicroelectronics STV82X7DT Datasheet HTML 102Page - STMicroelectronics STV82X7DT Datasheet HTML 103Page - STMicroelectronics STV82X7DT Datasheet HTML 104Page - STMicroelectronics STV82X7DT Datasheet HTML 105Page - STMicroelectronics STV82X7DT Datasheet HTML 106Page - STMicroelectronics STV82X7DT Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 149 page
background image
103/149
STV82x7
Register List
TRUSRND_HP_DCL
Register Description
TRUSRND_DC_ELEVATION
Register Description
Bit Name
Reset
Function
TRUSRND_INPUT_
GAIN[7:0]
0000
0000
Input Gain attenuation:
0000 0000: 0dB
0000 0001: -0.5dB
...
1111 1111: -127.5dB
Address: B7h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
000
DIALOG_
CLARITY_ON
HEADPHONE
_ON
0
Bit Name
Reset
Function
Bits[7:2]
00000
Reserved.
DIALOG_
CLARITY_ON
0
0: Dialog Clarity OFF
1: Dialog Clarity ON
HEADPHONE_ON
0
Activate HP mode in TruSurround XT:
0: HP mode OFF
1: HP mode ON
Bit [0]
0
Reserved.
Address: B8h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TRUSRND_DC_ELEVATION[7:0]
Bit Name
Reset
Function
TRUSRND_DC_
ELEVATION[7:0]
0000
1100
Dialog Calrity Elevation:
0000 0000: 0dB
0000 0001: -0.5dB
...
1111 1111: -127.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com