Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 108 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 104Page - STMicroelectronics STV82X7DT Datasheet HTML 105Page - STMicroelectronics STV82X7DT Datasheet HTML 106Page - STMicroelectronics STV82X7DT Datasheet HTML 107Page - STMicroelectronics STV82X7DT Datasheet HTML 108Page - STMicroelectronics STV82X7DT Datasheet HTML 109Page - STMicroelectronics STV82X7DT Datasheet HTML 110Page - STMicroelectronics STV82X7DT Datasheet HTML 111Page - STMicroelectronics STV82X7DT Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 149 page
background image
Register List
STV82x7
108/149
SVC_LS_GAIN
Register Description
SVC_HP_GAIN
Register Description
Bit Name
Reset
Function
SVC_HP_TIME[2:0] 100
Time constant for the amplification (6dB gain step) in automatic mode:
000: 30ms
001: 200ms
010: 500ms
011: 1s
100: 16s
101: 32s
110: 64s
111: 128s
SVC_HP_
THRESHOLD[4:0]
11000
see Table 27 and Table 28
Address: C2h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
SVC_LS_GAIN[6:0]
Bit Name
Reset
Function
Bit 7
0
Reserved.
SVC_LS_GAIN[6:0]
0000000
Set “make-up” gain applied at SVC LS output:
0000000:
+0dB
0000001:
+0.5dB
...
0101110:
+23dB
0101111:
+23.5dB
0110000:
+24dB
Address: C3h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
SVC_HP_GAIN[6:0]
Bit Name
Reset
Function
Bit 7
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com